Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6280 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LP6280
Page 6 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Typical Performance Curves
VIN=3.3V, VOP=5V, VON=-5V, TA=+25°C, unless otherwise noted.
2us/div.
200us/div.
Figure 4. Steady State Light Load(0mA)
Figure 5. Steady State Heavy Load(120mA)
4ms/div.
2ms/div.
Figure 6. Power On (Simultaneous)
Figure 7. Power Off (Simultaneous)
Figure 8. Efficiency (VOP=5V, VON=-5V)
70
75
80
85
90
95
0
20
40
60
80
100
120
140
Load Current (mA)
VIN=3.3V
VIN=4.2V
VOUT
10mV/div.
VOP
10mV/div.
VON
10mV/div.
IOPN 50mA/div.
VOP
10mV/div.
VOUT
10mV/div.
VON
10mV/div.
IOPN 200mA/div.
VEN
2V/div.
VOUT
5V/div.
VOP
5V/div.
VON
5V/div.
VEN
2V/div.
VOP
5V/div.
VON
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com