Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6280 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LP6280
Page 7 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Application Information
The LP6280 is a dual channel power sources for LCD
panel. It contains a boost, a LDO and a negative
charge pump. The output voltage of boost converter is
VOUT. The LDO generates the positive voltage(VOP)
and the negative charge pump generates the
negative voltage(VON), both are regulating through
VOUT.
Under Voltage Lockout (UVLO)
The LP6280 had an UVLO internal circuit that enable
the device once the voltage on the VIN voltage
exceeds the UVLO threshold voltage.
Power Sequencing
The LDO (VOP) and the negative charge pump
(VON) are turn on/off by external signal. ENP is for
VOP and ENN is for VON. Beside, any enable signal
turn on, the boost will be power on.
Boost Converter
The LP6280 integrates a PWM synchronous boost
converter
operating
with
current
mode
control.
Switching frequency is 1.2MHz (typ.). The device is
designed for high efficiency over wide output current
range.
VOP/N Discharge
When VIN falls below UVLO threshold or ENP/ENN
becomes low, all converter will be turns off. Both ENP
and
ENN
go
low,
VOP/VON
will
be
actively
discharged to GND with normal set.
Over Temperature Protection
The
LP6280
device
enters
over
temperature
protection if its junction temperature exceeds 140°C
(typical). During over temperature protection none of
the device's functions are available. To resume
normal operation the
junction temperature need
cool down, and the outputs will restart.
Layout Consideration
The proper PCB layout and component placement
are critical for all circuit. The careful attention
should be prevent electromagnetic interference
(EMI) problems. Here are some suggestions to the
layout of LP6280 design.
1. Connected all ground together with one
uninterrupted ground plane, which include power
ground and analog ground.
2. The input capacitor should be located as closed
as possible to the VIN and ground plane.
3. Minimize the distance of all traces connected to
the LX node, that the traces short and wide route
to obtain optimum efficiency.
4. The CFLY should be placed close to IC's
CFLY1 and CFLY2 pins.
5. All output capacitor must be closed to ground
plane.The ground terminal of COUT must be located
as closed as possible to ground plane.
D1
B1
B3
C1
C3
A1
A2
A3
D3
E1
E2
E3
B2
C2
D2
Rin
L
CVON
PGND
VIN
LP6280
Figure 9. Recommended PCB Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com