Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6280 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LP6280
Page 8 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Application Information (Continued)
1. IIC Interface Specification
The LP6280 can easily modify parameters by IIC bus, that slave address is 0x3EH.
IIC is a two wire serial interface developed, the bus consists of a clock line(SCL) and a data line(SDA) with
pull-up structures. The LP6280 works as a slave mode, and address is 3E. The data transfer protocol is
follow IIC-Bus Specification's standard mode(100kbps) and fast mode(400kbps).
DATA
CLK
S
START condition
P
STOP condition
Figure 10. START and STOP Conditions
DATA
CLK
Data line
stable;
data valid
Change
of data
allowed
Figure 11. Bit Transfer on the Serial Interface
2. Write Data to Register
SCL
SDA
A6
A5
A4
A3
A2
A1
A0
R/W ACK
A6
A5
A4
A3
A2
A1
A0
A7
ACK
0
Slave Address
(0x3E + W )
Register Address
Start
1
1
0
1
1
1
1
1
0
1
7
8
D6
D5
D4
D3
D2
D1
D0
D7
ACK
Data
Stop
1
8
Figure 12. Write Data to Register
3. Read Data to Register
SCL
SDA
A6
A5
A4
A3
A2
A1
A0
R/W ACK
A6
A5
A4
A3
A2
A1
A0
A7
ACK
0
Slave Address
(0x3E + W )
Register Address
Start
1
1
0
1
1
1
1
1
0
1
7
8
ACK
1
8
D6
D5
D4
D3
D2
D1
D0
D7
ACK
Data
Stop
1
8
1
Slave Address
(0x3E + R )
0
1
1
1
1
1
0
A6
A5
A4
A3
A2
A1
A0
R/W
Sr
Figure 13. Read Data from Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com