Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6283 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Preliminary Datasheet
LP6283
Electrical Characteristics
(VIN = 12V, TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
IN2, INVL Input Voltage Range
8
12
14
V
Quiescent Current into INVL
I
Q-IN
LX not switching
0.02
2
mA
Under-Voltage Lockout Threshold
V
UVLO
VIN Rising
5.4
6
6.6
V
Falling Hystersis
0.1
-
0.5
V
Switching Frequency
FSW
FSEL = GND
500
kHz
FSEL = VIN
750
Maximum Duty-Cycle
DMAX
80
%
Thermal Shutdown Threshold
TSD
160
°C
Boost Regulator
Output Voltage Range
VAVDD
VIN
18
V
FB1 Reference Voltage
VFB1
1.2375
1.25
1.2625
V
FB Line Regulation
VIN= 10.8V to 13.2V
0.15
0.2
%/V
Transconductance
Gm1
ΔI = ±2.5μA at VCOMP = 1V
120
μA/V
Voltage Gain
AV
FB to COMP
1250
V/V
Current Limit
ILIM1
3
4
A
On-Resistance
RDS(ON)
100
250
m
Ω
Current-Sense Transresistance
RCS
0.25
V/A
Soft-start Charge Current
ISS
5
μA
Internal Soft-Start
TSS1
C8 < 220pF
10
ms
Reference
REF Output Voltage
VREF
No external load,
1.25
V
REF Load Regulation
0 < IREF < 50
μA
10
mV
REF Sink Current
REF in Regulation
10
μA
Buck Regulator
FB2 Reference Voltage
VFB2
1.2375
1.25
1.2625
V
FB2 Reference Voltage
VFB2
0.2
V
DC Line Regulation
10.8V < VIN < 13.2V
0.1
%/V
LX2-IN2 Switch MOS
RDS(ON)
150
300
m
Ω
LX2-PGND Switch MOS
RDS(ON)
20
Ω
Current Limit
ILIM2
2.5
3.2
A
Error Amplifier Transconductance
Gm2
100
μA/V
Error Amplifier Voltage Gain
AV
700
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com