Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6283 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6283 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP6283
Power Management ICs
for TV / Monitor
General Description
The LP6283 generates all the supply rails for thin-film
transistor (TFT) liquid-crystal display (LCD) panels in TVs
and monitors. It includes boost and buck regulators, VGH
and VGL charge pump regulators, gate pulse modulator
(GPM) , HV LDO, voltage detector (XAO) and VCOM OP.
The LP6283 supports input voltage from 8V to 14V and is
optimized for LCD TV panel and LCD monitor
applications running directly from 12V supply.
The boost and buck regulators feature internal power
MOSFETs and high-frequency operation, allowing the
use of small inductors and capacitors, for in a compact
solution. Both switching regulators use fixed-frequency,
current-mode control architectures, providing fast
load-transient response and easy compensation.
The VGH and VGL charge-pump regulators provide
supply voltages for the TFT gate driver. Both output
voltages can be adjusted with external resistive voltage
dividers.
Order Information
LP6283
□ □ □
F: Pb-Free
Package Type
QVF : TQFN-48
Applications
LCD TV/Monitor
Features
8V to 14V Supply Input Voltage Range
Current-Mode Boost Regulator
20V 3.5A 0.1
Ω Internal N-MOSFET
Programmable Over Current Protection
Programmable Soft-Start
 Current-Mode Buck Regulator
16.5V 2A 0.15
Ω Internal N-MOSFET
Over Current Protection
Adjustable Output Voltage from 1.8V to 3.3V
Adjustable VGH Charge Pump
Continuous Output Current 50mA
Adjustable VGL Charge Pump
Continuous Output Current 50mA
Gate Pulse Modulator
18V to 35V Positive Supply Input
Power-On/Off Sequence Control
On-Chip
GPM
Controller
with
Adjustable
Falling Time and Falling Stop Voltage
Voltage Detector (XAO)
Adjustable Detecting Voltage (
±1%)
N-Channel Open-Drain Output
VCOM OP
5V to 20V Input Supply Voltage
±300mA Output Short-Circuit Current for 1ms
45V/μs Slew Rate
20MHz,
−3dB Bandwidth
HV LDO
5V to 20V Input Supply Voltage
Adjustable Output Voltage (
±0.5%)
Over Current Protection (60mA)
Low Dropout Voltage 0.5V (60mA)
Selectable Frequency (500kHz/750KHz)
External PMOS Isolation Switch Controlled by Gate
Drive Signal
Over Temperature Protection
Power On Sequence Control
TQFN 48 Package
RoHS Compliant and Halogen Free
Pb-Free Package
Marking Information
Device
Marking
Package
Shipping
LP6283
LPS
LP6283
YWX
TQFN-48
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6283

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
More results

Similar Description - LP6283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
Power Management ICs for Li-Ion Powered Systems
logo
RICOH electronics devic...
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
R1172H RICOH-R1172H Datasheet
30Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
Texas Instruments
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
logo
Maxim Integrated Produc...
MAX8982 MAXIM-MAX8982 Datasheet
3Mb / 73P
Power-Management ICs for ICERA E400 Platform
19-5472; Rev 2; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com