Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002ARGET Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 14Page - Texas Instruments TUSB1002ARGET Datasheet HTML 15Page - Texas Instruments TUSB1002ARGET Datasheet HTML 16Page - Texas Instruments TUSB1002ARGET Datasheet HTML 17Page - Texas Instruments TUSB1002ARGET Datasheet HTML 18Page - Texas Instruments TUSB1002ARGET Datasheet HTML 19Page - Texas Instruments TUSB1002ARGET Datasheet HTML 20Page - Texas Instruments TUSB1002ARGET Datasheet HTML 21Page - Texas Instruments TUSB1002ARGET Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The Shutdown mode is entered when EN pin is low and VCC is active and stable. This mode is the lowest power
state of the TUSB1002A. While in this mode, the TUSB1002A receiver terminations is disabled.
7.4.2 Disconnect Mode
Next to Shutdown Mode, the Disconnect mode is the lowest power state of the TUSB1002A. The TUSB1002A
enters this mode when exiting Shutdown mode. In this state, the TUSB1002A periodically checks for far-end
receiver termination on both SSTX1 and SSTX2. Upon detection of the far-end receiver’s termination on both
ports, the TUSB1002A transitions to a fully active mode called U0 mode.
7.5 U0 Mode
The U0 mode is the highest power state of the TUSB1002A. Anytime high-speed traffic (SuperSpeed or
SuperSpeedPlus) is being received, the TUSB1002A remains in this mode. The TUSB1002A only exits this
mode if electrical idle is detected on both SSRX1 and SSRX2. While in this mode, the TUSB1002A hs speed
receivers and transmitters are powered and active.
7.6 U1 Mode
The U1 mode is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1002A
receiver termination remains enabled and the TXP/N DC common mode is maintained.
7.7 U2/U3 Mode
Next to the disconnect mode, the U2/U3 mode is next lowest power state. While in this mode, the TUSB1002A
periodically performs far-end receiver detection. Anytime the far-end receiver termination is not detected on
either CH1 or CH2, the TUSB1002A leaves the U2/U3 mode and transition to the Disconnect mode. It also
monitors the SSRX1 and SSRX2 for a valid LFPS. Upon detection of a valid LFPS, the TUSB1002A immediately
transitions to the U0 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com