Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002ARGET Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 20Page - Texas Instruments TUSB1002ARGET Datasheet HTML 21Page - Texas Instruments TUSB1002ARGET Datasheet HTML 22Page - Texas Instruments TUSB1002ARGET Datasheet HTML 23Page - Texas Instruments TUSB1002ARGET Datasheet HTML 24Page - Texas Instruments TUSB1002ARGET Datasheet HTML 25Page - Texas Instruments TUSB1002ARGET Datasheet HTML 26Page - Texas Instruments TUSB1002ARGET Datasheet HTML 27Page - Texas Instruments TUSB1002ARGET Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SATA/PCIe/
SATA Express
Host
+
-
+
-
RX2P
RX2N
GND
TX1P
TX1N
RSVD1
TX2P
TX2N
GND
RX1P
RX1N
MODE
TUSB1002A
VCC (3.3V)
VCC (3.3V)
REQ2A
REQ2B
REQ2C
REQ2D
VCC (3.3V)
VCC (3.3V)
REQ1A
REQ1B
REQ1C
REQ1D
20<Q
CRX2
CTX1
CTX2
CRX1
VCC (3.3V)
100nF
100nF
10 µF
49.9Q
49.9Q
FB1
FB2
0-Q
GPIO (S3/S3/S5 indicator)
SATA_EN
10<Q
24
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 22. Example SATA/PCIe/SATA Express Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com