Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002ARGET Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 15Page - Texas Instruments TUSB1002ARGET Datasheet HTML 16Page - Texas Instruments TUSB1002ARGET Datasheet HTML 17Page - Texas Instruments TUSB1002ARGET Datasheet HTML 18Page - Texas Instruments TUSB1002ARGET Datasheet HTML 19Page - Texas Instruments TUSB1002ARGET Datasheet HTML 20Page - Texas Instruments TUSB1002ARGET Datasheet HTML 21Page - Texas Instruments TUSB1002ARGET Datasheet HTML 22Page - Texas Instruments TUSB1002ARGET Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
A
B
C
D
FR4 Trace
of Length Y
FR4 Trace
of Length X
C
USB 3.1
Host
RXP1
TUSB1002A
RXN1
+
-
TXP2
TXN2
+
-
+
-
TXP1
TXN1
+
-
+
-
RXP2
RXN2
+
-
Upstream
C
C
C
C
Downstream
C
C
C
19
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TUSB1002A is a linear redriver designed specifically to compensation for ISI jitter caused by attenuation
through a passive medium like traces and cables. Because the TUSB1002A has two independent channels, it
can be optimized to correct ISI in both the upstream and downstream direction through 16 different equalization
choices. Placing the TUSB1002A between a USB3.2 Host/device controller and a USB3.2 receptacle can correct
signal integrity issues resulting in a more robust system.
8.2 Typical USB3.2 Application
Figure 17. TUSB1002A in USB3.2 x1 Host Application
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 4.
Table 4. Design Parameters
PARAMETER
VALUE
VCC supply (3 V to 3.6 V)
3.3 V
Mode of Operation (Dual or Half Channel)
MODE = F (Floating) for USB3.2 Dual Channel
TX1, TX2, RX1 A/C coupling Capacitor (75 nF to 265 nF)
100 nF
RX2 A/C coupling Capacitor (297 nF to 363 nF)
Suggest 330 nF ±10%
RX2 pull-down resistors on USB receptacle side of AC capacitor
(200K to 242K ohms)
220k
A to B FR4 Length (inches)
8
A to B FR4 Trace Width (mils)
4
C to D FR4 length (inches)
2
C to D FR4 Trace Width (mils)
4
DC Gain (-2, -1, 0, +1, +2)
0 dB (CFG[2:1] pins floating)
Linear Range (900 mV, 1000 mV, or 1200 mV)
1200 mV (CFG[2:1] pins floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com