Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW5AP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LDW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LDW5AP Datasheet HTML 5Page - OSRAM GmbH LDW5AP Datasheet HTML 6Page - OSRAM GmbH LDW5AP Datasheet HTML 7Page - OSRAM GmbH LDW5AP Datasheet HTML 8Page - OSRAM GmbH LDW5AP Datasheet HTML 9Page - OSRAM GmbH LDW5AP Datasheet HTML 10Page - OSRAM GmbH LDW5AP Datasheet HTML 11Page - OSRAM GmbH LDW5AP Datasheet HTML 12Page - OSRAM GmbH LDW5AP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
2008-08-08
9
Durchlassstrom
2) Seite 19
Forward Current
2) page 19
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2) 5) Seite 19
Relative Luminous Flux
2) 5) page 19
Φ
V/ΦV(1,4 A) = f (IF); TA = 25 °C, (blue, true green)
Relative Strahlungsleistung
2) 5) Seite 19
Relative Radiant Power
2) 5) page 19
Φ
E/ΦE(1,4 A) = f (IF); TA = 25 °C, (deep blue)
OHL03661
mA
2.5
F
V
F
I
V
2.7 2.9 3.1 3.3 3.5 3.7
4.1
0
500
1000
1500
2000
2500
3500
blue
true green
deep blue
OHL03506
I
F
10
2
510
3
10
mA
4
1
10
10
-1
10
0
5
V
(1400 mA)
V
Φ
Φ
OHL03509
I
F
10
2
510
3
10
mA
4
1
10
10
-1
10
0
5
E
(1400 mA)
E
Φ
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com