Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW5AP Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LDW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AP Datasheet(HTML) 3 Page - OSRAM GmbH

  LDW5AP Datasheet HTML 1Page - OSRAM GmbH LDW5AP Datasheet HTML 2Page - OSRAM GmbH LDW5AP Datasheet HTML 3Page - OSRAM GmbH LDW5AP Datasheet HTML 4Page - OSRAM GmbH LDW5AP Datasheet HTML 5Page - OSRAM GmbH LDW5AP Datasheet HTML 6Page - OSRAM GmbH LDW5AP Datasheet HTML 7Page - OSRAM GmbH LDW5AP Datasheet HTML 8Page - OSRAM GmbH LDW5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
2008-08-08
3
Vergleichstabelle
Correlation Table
Typ
Type
Strahlungsleistung
1) Seite 19
Radiant Power
1) page 19
I
F = 1,4 A
Φ
E (mW)
Typische
Strahlungsleistung
2) Seite 19
Typical Radiant Power
2) page 19
IF = 2 A
Φ
E (mW)
LD W5AP-3V8A-35
900 ...
1800
1800
Vergleichstabelle
Correlation Table
Typ
Type
Lichtstrom
1) Seite 19
Luminous
Flux
1) page 19
IF = 1,4 A
Φ
V (lm)
Typischer Lichtstrom
2) Seite 19
Typical Luminous
Flux
2) page 19
IF = 2 A
Φ
V (lm)
LB W5AP-HZKX-23
39.0 ...
82.0
78.7
LB W5AP-JYKY-35
52.0 ...
97.0
96.9
LT W5AP-LYMZ-25
130.0 ...
280.0
258.3
LT W5AP-LYMZ-36
130.0 ...
280.0
258.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com