Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW5AP Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LDW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AP Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LDW5AP Datasheet HTML 9Page - OSRAM GmbH LDW5AP Datasheet HTML 10Page - OSRAM GmbH LDW5AP Datasheet HTML 11Page - OSRAM GmbH LDW5AP Datasheet HTML 12Page - OSRAM GmbH LDW5AP Datasheet HTML 13Page - OSRAM GmbH LDW5AP Datasheet HTML 14Page - OSRAM GmbH LDW5AP Datasheet HTML 15Page - OSRAM GmbH LDW5AP Datasheet HTML 16Page - OSRAM GmbH LDW5AP Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
2008-08-08
13
Maßzeichnung
6) Seite 19
Package Outlines
6) page 19
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.3 g
Gurtung / Polarität und Lage
6) Seite 19
Verpackungseinheit 200/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
6) page 19
Packing unit 200/reel, ø180 mm
OHAY3510
1.55 (0.061)
2 (0.079)
4 (0.157)
12 (0.472)
0.35 (0.013)
4.7 (0.185)
±0.05 (0.002)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.05 (0.002)
±0.1 (0.004)
±0.1 (0.004)
4.5 (0.177)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com