Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBC9TP Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LRTBC9TP
Description  ceramic package for RGB-Displays with diffused silicon resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBC9TP Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LRTBC9TP Datasheet HTML 13Page - OSRAM GmbH LRTBC9TP Datasheet HTML 14Page - OSRAM GmbH LRTBC9TP Datasheet HTML 15Page - OSRAM GmbH LRTBC9TP Datasheet HTML 16Page - OSRAM GmbH LRTBC9TP Datasheet HTML 17Page - OSRAM GmbH LRTBC9TP Datasheet HTML 18Page - OSRAM GmbH LRTBC9TP Datasheet HTML 19Page - OSRAM GmbH LRTBC9TP Datasheet HTML 20Page - OSRAM GmbH LRTBC9TP Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LRTB C9TP
2014-01-28
17
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 25 °C
I
F = f (tp); (1 Chip on); red
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 25 °C
I
F = f (tp); (1 Chip on); true green, blue
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 85 °C
I
F = f (tp); (1 Chip on); red
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 85 °C
I
F = f (tp); (1 Chip on); true green, blue
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04253
T
t
P
IF
0.05
0.33
0.2
0.1
0.005
0.02
0.01
D =
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
0.5
1
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04251
T
t
P
IF
0.05
0.33
0.5
1
0.2
0.1
0.005
0.02
0.01
D =
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04254
T
t
P
IF
0.05
0.33
0.2
0.1
0.005
0.02
0.01
D =
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
0.5
1
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04252
T
t
P
IF
0.05
0.33
0.5
1
0.2
0.1
0.005
0.02
0.01
D =
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com