Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBC9TP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LRTBC9TP
Description  ceramic package for RGB-Displays with diffused silicon resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBC9TP Datasheet(HTML) 4 Page - OSRAM GmbH

  LRTBC9TP Datasheet HTML 1Page - OSRAM GmbH LRTBC9TP Datasheet HTML 2Page - OSRAM GmbH LRTBC9TP Datasheet HTML 3Page - OSRAM GmbH LRTBC9TP Datasheet HTML 4Page - OSRAM GmbH LRTBC9TP Datasheet HTML 5Page - OSRAM GmbH LRTBC9TP Datasheet HTML 6Page - OSRAM GmbH LRTBC9TP Datasheet HTML 7Page - OSRAM GmbH LRTBC9TP Datasheet HTML 8Page - OSRAM GmbH LRTBC9TP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2014-01-28
4
LRTB C9TP
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 140 mA
λ
peak
632
523
465
nm
Dominantwellenlänge
3) Seite 25
(min.)
Dominant wavelength
3) page 25
(typ.)
I
F = 140 mA
(max.)
λ
dom
619
625
631
518
528*
544
459
470*
476.5
nm
nm
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 140 mA
∆λ
18
33
25
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
Grad
deg.
Durchlassspannung
4) Seite 25
(min.)
Forward voltage
4) page 25
(typ.)
I
F = 140 mA
(max.)
V
F
V
F
V
F
1.9
2.1
2.65
2.9
3.4
4.1
2.9
3.3
4.1
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V (blue / true green); 12 V (red)
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad 1 chip on
(typ.)
Junction/solder point 1 chip on
(max.)
Rth JS
Rth JS
41
55
K/W
K/W
Sperrschicht/Lötpad 3 chip on
(typ.)
Junction/solder point 3 chip on
(max.)
Rth JS
Rth JS
50**
82**
K/W
K/W
* Einzelgruppen siehe Seite 8
Individual groups on page 8
**R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com