Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8849 Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 15Page - Active-Semi, Inc ACT8849 Datasheet HTML 16Page - Active-Semi, Inc ACT8849 Datasheet HTML 17Page - Active-Semi, Inc ACT8849 Datasheet HTML 18Page - Active-Semi, Inc ACT8849 Datasheet HTML 19Page - Active-Semi, Inc ACT8849 Datasheet HTML 20Page - Active-Semi, Inc ACT8849 Datasheet HTML 21Page - Active-Semi, Inc ACT8849 Datasheet HTML 22Page - Active-Semi, Inc ACT8849 Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 19 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
LOW-INPUT VOLTAGE LDO ELECTRICAL CHARACTERISTICS
(VINL3 = 3.6V, COUT10 = COUT11 = COUT12 = 2.2µF, TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
2
: IMAX Maximum Output Current.
3
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage (for 3.1V output voltage or higher).
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage.
Under heavy overload conditions the output current limit folds back by 50% (typ)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
1.7
5.5
V
VOUT ≥ 1.0V, IOUT = 10mA
-1
VNOM
1
%
VOUT < 1.0V, IOUT = 10mA
-10
10
mV
Line Regulation
VINL = Max (VOUT + 0.5V, 3.6V) to 5.5V
0.5
mV
Load Regulation
IOUT = 1mA to IMAX2
0.1
V/A
Power Supply Rejection Ratio
f = 1kHz, IOUT = 20mA, VOUT = 1.2V
50
dB
f = 10kHz, IOUT = 20mA, VOUT = 1.2V
40
Supply Current per Output
Regulator Enabled
22
µA
Regulator Disabled
0
2
Soft-Start Period
VOUT = 3.0V
100
µs
Power Good Threshold
VOUT Rising
92
%
Power Good Hysteresis
VOUT Falling
3.5
%
Output Noise
IOUT = 20mA, f = 10Hz to 100kHz, VOUT =
1.2V
30
µVRMS
Discharge Resistance
LDO Disabled, DIS[ ] = 1
1.5
kΩ
LDO rated at 150mA (REG10)
Dropout Voltage
IOUT = 80mA, VOUT > 3.1V
100
200
mV
Maximum Output Current
150
mA
Current Limit
VOUT = 95% of regulation voltage
180
mA
Recommend Output Capacitor
2.2
µF
LDO rated at 350mA (REG11 & REG12)
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
100
200
mV
Maximum Output Current
350
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Recommend Output Capacitor
2.2
µF
Output Voltage Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com