Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28200 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP28200
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP28200 Datasheet HTML 2Page - Monolithic Power Systems MP28200 Datasheet HTML 3Page - Monolithic Power Systems MP28200 Datasheet HTML 4Page - Monolithic Power Systems MP28200 Datasheet HTML 5Page - Monolithic Power Systems MP28200 Datasheet HTML 6Page - Monolithic Power Systems MP28200 Datasheet HTML 7Page - Monolithic Power Systems MP28200 Datasheet HTML 8Page - Monolithic Power Systems MP28200 Datasheet HTML 9Page - Monolithic Power Systems MP28200 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP28200 – 5.5V, 200
mA, 1.5MHz, ULTRA-LOW IQ, STEP-DOWN CONVERTER
MP28200 Rev.1.0
www.MonolithicPower.com
6
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, VOUT = 1.8V, L1 = 2.2µH, CIN = 10µF, COUT = 10µF, TA = +25°C, unless otherwise noted.
IOUT (mA)
VIN (V)
IOUT (mA)
Efficiency vs.Load Current
VOUT=1.8V
Efficiency vs.Load Current
VOUT=3.3V
Load Regulation vs.
Load Current
VIN=5V
Load Regulation vs.
Load Current
Line Regulation vs.
Load Current
Buck Shutdown Current
vs. Input Voltage
CTRL1/2/3=0V
Buck Quiescent Current
vs. Input Voltage
IOUT (mA)
IOUT (mA)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
IOUT (mA)
Efficiency vs.Load Current
VOUT=1.2V
30
40
50
60
70
80
90
100
30
40
50
60
70
80
90
100
30
40
50
60
70
80
90
100
0.001 0.01 0.1
1
10
100 1000
0.001 0.01 0.1
1
10
100 1000
0.001 0.01 0.1
1
10
100 1000
0.001 0.01 0.1
1
10
100 1000
0.001 0.01 0.1
1
10
100 1000
VIN=2V
VIN=2.5V
VIN=3.0V
VIN=3.6V
VIN=4.2V
VIN=5.0V
VIN=2V
VIN=2.5V
VIN=3.0V
VIN=3.6V
VIN=4.2V
VIN=5.0V
VIN=3.6V
VIN=5.0V
VIN=4.2V
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
23456
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
VOUT=1.2V
VOUT=1.8V
VOUT=3.3V
VOUT=1.8V
VOUT=1.2V
VOUT=3.3V
0
100
200
300
400
500
600
700
23456
0
10
20
30
40
50
60
70
80
90
100
23456
IOUT=200mA
IOUT=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com