Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28200 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28200
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28200 Datasheet HTML 1Page - Monolithic Power Systems MP28200 Datasheet HTML 2Page - Monolithic Power Systems MP28200 Datasheet HTML 3Page - Monolithic Power Systems MP28200 Datasheet HTML 4Page - Monolithic Power Systems MP28200 Datasheet HTML 5Page - Monolithic Power Systems MP28200 Datasheet HTML 6Page - Monolithic Power Systems MP28200 Datasheet HTML 7Page - Monolithic Power Systems MP28200 Datasheet HTML 8Page - Monolithic Power Systems MP28200 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP28200
Ultra-Low 500nA Iq, High Efficiency,
Wide Input 2V-5.5V, 1.5MHz,
200mA, Step-Down Regulator
MP28200 Rev.1.0
www.MonolithicPower.com
1
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP28200
is
a
monolithic
power-
management unit containing 200mA, high-
efficiency, step-down, switching converters. The
nanoamp quiescent current provides extremely
high efficiency when the load current is down in
the µA range. With minimum input voltage as
low as 2V, the MP28200 allows the system to
operate directly from the battery.
The constant-on-time control scheme provides
fast
transient
response,
high
light-load
efficiency, and requires minimal capacitance.
The regulation can be made tight by integrating
an error amplifier to correct the output voltage.
The CTRL pins control the on/off and output
voltage selection functions.
Fault protection features include under-voltage
lockout (UVLO), over-current protection (OCP),
and thermal shutdown.
The MP28200 requires a minimal number of
readily
available,
standard,
external
components and is available in a small QFN-12
(2mmx2mm) package.
FEATURES
 Ultra-Low Iq: 500nA
 Wide 2.0V to 5.5V Operating Input Range
 7 Selectable Output Voltages
 Up to 200mA Output Current
 1.5MHz Switching Frequency in Continuous
Conduction Mode (CCM)
 100% Duty Cycle in Dropout
 0.25Ω and 0.25Ω Internal Power MOSFET
Switches
 Cycle-by-Cycle
Over-Current
Protection
(OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Over-Temperature Protection (OTP)
 Available
in
a
QFN-12
(2mmx2mm)
Package
APPLICATIONS
 Wearables
 IOT
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IOUT (mA)
Efficiency vs.Load Current
VOUT=1.8V
30
40
50
60
70
80
90
100
0.001 0.01 0.1
1
10
100 1000
VIN=2V
VIN=2.5V
VIN=3.0V
VIN=3.6V
VIN=4.2V
VIN=5.0V


Similar Part No. - MP28200

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28248GD MPS-MP28248GD Datasheet
747Kb / 19P
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1776 LINER-LT1776 Datasheet
147Kb / 20P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Linear Technology
LT1676 LINER-LT1676_15 Datasheet
151Kb / 16P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1776 LINER-LT1776_15 Datasheet
235Kb / 20P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28300 MPS-MP28300 Datasheet
1Mb / 19P
Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
logo
List of Unclassifed Man...
M3406 ETC1-M3406 Datasheet
383Kb / 9P
800mA,2V-6V Input,1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com