Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28200 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28200
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28200 Datasheet HTML 6Page - Monolithic Power Systems MP28200 Datasheet HTML 7Page - Monolithic Power Systems MP28200 Datasheet HTML 8Page - Monolithic Power Systems MP28200 Datasheet HTML 9Page - Monolithic Power Systems MP28200 Datasheet HTML 10Page - Monolithic Power Systems MP28200 Datasheet HTML 11Page - Monolithic Power Systems MP28200 Datasheet HTML 12Page - Monolithic Power Systems MP28200 Datasheet HTML 13Page - Monolithic Power Systems MP28200 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP28200 – 5.5V, 200
mA, 1.5MHz, ULTRA-LOW IQ, STEP-DOWN CONVERTER
MP28200 Rev.1.0
www.MonolithicPower.com
10
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin#
Name
Description
1
OUT
Output voltage sensing of the step-down switcher.
Connect the load to OUT. An output
capacitor is needed to decrease the output voltage ripple.
2
CTRL1
Step-down switcher control signal.
Adjust the step-down switcher output voltage value
dynamically. Do not float the CTRL pins during application. When used, ensure that the
CTRL voltage is not lower than VIN. If unused, tie CTRL to GND. Refer to Table 1 on page
12 to set the buck output value.
3
CTRL2
4
CTRL3
5, 6
TP
Internal test pin.
TP must be connected to GND.
7
PG
Power good for the step-down switcher.
PG is an open-drain output.
8
GND
Ground.
9
SW
Switch output for the step-down switcher.
SW is the drain of the internal, high-side, P-
channel MOSFET. Connect the inductor to SW to complete the converter.
10
VIN
Input supply voltage to the step-down switcher.
Place a small decoupling capacitor as
close to VIN and GND as possible.
11, 12
NC
Internal test pin.
NC must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com