Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWH9GP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWH9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWH9GP Datasheet HTML 4Page - OSRAM GmbH LCWH9GP Datasheet HTML 5Page - OSRAM GmbH LCWH9GP Datasheet HTML 6Page - OSRAM GmbH LCWH9GP Datasheet HTML 7Page - OSRAM GmbH LCWH9GP Datasheet HTML 8Page - OSRAM GmbH LCWH9GP Datasheet HTML 9Page - OSRAM GmbH LCWH9GP Datasheet HTML 10Page - OSRAM GmbH LCWH9GP Datasheet HTML 11Page - OSRAM GmbH LCWH9GP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2017-06-06
8
Version 1.4
LCW H9GP
5L
0.3670
0.3578
7Q
0.4130
0.3944
6V
0.4477
0.3998
0.3692
0.3677
0.4164
0.4029
0.4526
0.4090
0.3746
0.3624
0.4223
0.3990
0.4534
0.4011
0.3773
0.3726
0.4261
0.4077
0.4585
0.4104
6L
0.3692
0.3677
8Q
0.4164
0.4029
7V
0.4526
0.4090
0.3714
0.3775
0.4198
0.4115
0.4576
0.4183
0.3773
0.3726
0.4261
0.4077
0.4585
0.4104
0.3799
0.3828
0.4299
0.4165
0.4636
0.4197
7L
0.3714
0.3775
9Q
0.4198
0.4115
8V
0.4576
0.4183
0.3736
0.3874
0.4232
0.4201
0.4625
0.4275
0.3799
0.3828
0.4299
0.4165
0.4636
0.4197
0.3826
0.3931
0.4337
0.4253
0.4688
0.4290
8L
0.3736
0.3874
4R
0.4109
0.3726
9V
0.4625
0.4275
0.3758
0.3973
0.4147
0.3814
0.4674
0.4367
0.3826
0.3931
0.4181
0.3751
0.4688
0.4290
0.3853
0.4033
0.4222
0.3840
0.4739
0.4382
4M
0.3719
0.3522
5R
0.4147
0.3814
4W
0.4432
0.3826
0.3746
0.3624
0.4185
0.3902
0.4483
0.3919
0.3791
0.3564
0.4222
0.3840
0.4485
0.3838
0.3822
0.3670
0.4263
0.3929
0.4538
0.3931
5M
0.3746
0.3624
6R
0.4185
0.3902
5W
0.4483
0.3919
0.3773
0.3726
0.4223
0.3990
0.4534
0.4011
0.3822
0.3670
0.4263
0.3929
0.4538
0.3931
0.3853
0.3776
0.4305
0.4019
0.4591
0.4025
6M
0.3773
0.3726
7R
0.4223
0.3990
6W
0.4534
0.4011
0.3799
0.3828
0.4261
0.4077
0.4585
0.4104
0.3853
0.3776
0.4305
0.4019
0.4591
0.4025
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
7M
0.3799
0.3828
8R
0.4261
0.4077
7W
0.4585
0.4104
0.3826
0.3931
0.4299
0.4165
0.4636
0.4197
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com