Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWH9GP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCWH9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP Datasheet(HTML) 5 Page - OSRAM GmbH

  LCWH9GP Datasheet HTML 1Page - OSRAM GmbH LCWH9GP Datasheet HTML 2Page - OSRAM GmbH LCWH9GP Datasheet HTML 3Page - OSRAM GmbH LCWH9GP Datasheet HTML 4Page - OSRAM GmbH LCWH9GP Datasheet HTML 5Page - OSRAM GmbH LCWH9GP Datasheet HTML 6Page - OSRAM GmbH LCWH9GP Datasheet HTML 7Page - OSRAM GmbH LCWH9GP Datasheet HTML 8Page - OSRAM GmbH LCWH9GP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Version 1.4
LCW H9GP
2017-06-06
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 25
Durchlassspannungsgruppen 3) Seite 25
Group
Luminous Flux 1) page 25
Luminous Flux 1) page 25
Luminous Intensity
5) page 25
Gruppe
Lichtstrom 1) Seite 25
Lichtstrom 1) Seite 25
Lichtstärke 5) Seite 25
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
JZ
61
71
32.3
KX
71
82
37.5
KY
82
97
43.9
KZ
97
112
51.2
LX
112
130
59.3
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
8H
3.50
3.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com