Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWH9GP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWH9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWH9GP Datasheet HTML 5Page - OSRAM GmbH LCWH9GP Datasheet HTML 6Page - OSRAM GmbH LCWH9GP Datasheet HTML 7Page - OSRAM GmbH LCWH9GP Datasheet HTML 8Page - OSRAM GmbH LCWH9GP Datasheet HTML 9Page - OSRAM GmbH LCWH9GP Datasheet HTML 10Page - OSRAM GmbH LCWH9GP Datasheet HTML 11Page - OSRAM GmbH LCWH9GP Datasheet HTML 12Page - OSRAM GmbH LCWH9GP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Version 1.4
LCW H9GP
2017-06-06
9
8M
0.3826
0.3931
9R
0.4299
0.4165
8W
0.4636
0.4197
0.3853
0.4033
0.4337
0.4253
0.4688
0.4290
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
0.3947
0.4093
0.4428
0.4286
0.4750
0.4304
4N
0.3791
0.3564
4S
0.4181
0.3751
9W
0.4688
0.4290
0.3822
0.3670
0.4222
0.3840
0.4739
0.4382
0.3862
0.3607
0.4254
0.3776
0.4750
0.4304
0.3898
0.3716
0.4298
0.3867
0.4803
0.4398
5N
0.3822
0.3670
5S
0.4222
0.3840
4X
0.4485
0.3838
0.3853
0.3776
0.4263
0.3929
0.4538
0.3850
0.3898
0.3716
0.4298
0.3867
0.4538
0.3931
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
8N
0.3916
0.3987
8S
0.4346
0.4108
7X
0.4644
0.4118
0.3947
0.4093
0.4387
0.4197
0.4697
0.4211
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
0.4042
0.4153
0.4474
0.4228
0.4758
0.4225
4O
0.3863
0.3609
9S
0.4387
0.4197
8X
0.4697
0.4211
0.3890
0.3690
0.4428
0.4286
0.4750
0.4304
0.3945
0.3648
0.4474
0.4228
0.4758
0.4225
0.3975
0.3731
0.4519
0.4319
0.4813
0.4319
5O
0.3890
0.3690
4T
0.4254
0.3776
9X
0.4750
0.4304
0.3916
0.3772
0.4298
0.3867
0.4803
0.4398
0.3975
0.3731
0.4326
0.3801
0.4813
0.4319
0.4006
0.3815
0.4373
0.3893
0.4868
0.4413
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com