Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8714GLE Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8714GLE
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714GLE Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8714GLE Datasheet HTML 12Page - Monolithic Power Systems MP8714GLE Datasheet HTML 13Page - Monolithic Power Systems MP8714GLE Datasheet HTML 14Page - Monolithic Power Systems MP8714GLE Datasheet HTML 15Page - Monolithic Power Systems MP8714GLE Datasheet HTML 16Page - Monolithic Power Systems MP8714GLE Datasheet HTML 17Page - Monolithic Power Systems MP8714GLE Datasheet HTML 18Page - Monolithic Power Systems MP8714GLE Datasheet HTML 19Page - Monolithic Power Systems MP8714GLE Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
18
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
9
5
C3
0.47μF
R4
100kΩ
C1
22µF
R2
162kΩ
R3
51kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R5
0Ω
C5
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C6
22pF
C4
22nF
VIN
4.5V-17V
PG
VOUT
0.9V/10A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
EN
Figure 8: VIN = 4.5 - 17V, VOUT = 0.9V, IOUT = 10A
9
5
C3
0.47μF
R4
100kΩ
C1
22µF
R2
120kΩ
R3
51kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R5
0Ω
C5
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C6
22pF
C4
22nF
VIN
4.5V-17V
PG
VOUT
1V/10A
13
7
4
6
14
8
12
11
10
2
1
C2C
22µF
EN
3
Figure 9: VIN = 4.5 - 17V, VOUT = 1V, IOUT = 10A
Figure 10: VIN = 4.5 - 17V, VOUT = 1.2V, IOUT = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com