Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C36 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 3 Page - Exar Corporation

  ST78C36 Datasheet HTML 1Page - Exar Corporation ST78C36 Datasheet HTML 2Page - Exar Corporation ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
áç
áç
áç
áç
ST78C36/36A
REV. 5.0.1
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
3
PIN DESCRIPTION
NAME
44-PLCC
PIN
#
64-TQFP
PIN
#
TYPE
DESCRIPTION
DATA BUS INTERFACE
A10
A2
A1
A0
29
39
41
40
36
46
53
52
I
Address Select Lines. A10 places the ECP control/status/data ports at
0x400 offset from the -CS decoded address.
D7
D6
D5
D4
D3
D2
D1
D0
9
10
11
12
13
14
15
16
5
6
7
8
9
10
11
12
I/O
Data bus. Bi-directional data port.
-IOR
43
55
I
Active low AT bus I/O Read strobe.
-IOW
42
54
I
-CS
22
24
I
Chip select (active LOW). A LOW at this pin enables the parallel port /
CPU data transfer operation.
IOCHRDY
18
19
O
I/O Channel ready (internal pull-up / three stated active HIGH). This pin
goes low when the device requires addition clock cycles for read and
write.
-IRQ9
-IRQ7
-IRQ5
-
19
-
14
20
18
O
Interrupt Request Lines (three stated active low).
AEN
17
13
I
DMA address enable (active HIGH). When this line is HIGH, the DMA
controller has control of the address bus.
DRQ3
DRQ2
DRQ1
7
-
-
3
63
51
O
Active high AT bus DMA ReQuest for channels 3, 2 and 1 (internal pull-
down three stated active HIGH). A request is generated by bringing a
DRQx line to a HIGH level. A DRQx line is held HIGH until the correspond-
ing DMA acknowledge “DACKx*” line goes LOW.
-DACK3
-DACK2
-DACK1
8
-
-
4
2
47
I
DMA Acknowledge signals for channels 3, 2 and 1 (internal pull-up /three
stated active low).
TC
6
62
I
Terminal Count (active HIGH). The ST78C36 terminates the DMA channel
when a HIGH pulse is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com