Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C36 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation ST78C36 Datasheet HTML 10Page - Exar Corporation ST78C36 Datasheet HTML 11Page - Exar Corporation ST78C36 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ST78C36/36A
áç
áç
áç
áç
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.0.1
8
Cnfg-A Bit-2:
When transmitting, there is 1 byte waiting to be transmitted that does not affect FIFO-F.
Cnfg-A Bit-3:
Reserved, logic zero.
Cnfg-A Bits 6-4:
Indicates PWord = 1 byte (8-bit implementation).
Cnfg-A Bit-7:
Indicates ECP interrupts are pulsed.
3.11
CONFIGURATION REGISTER B ( Cnfg-B )
This register is available in ECR mode 111 only, and returns bits 0-5 as logic zero for the ST78C36CJ44. The
ST78C36CQ64 will allow programmed selection of the Interrupt and DMA channels after a system RESET
state of 001011 (bits 0-5).
Cnfg-B Bits 2-0:
With bit 2 forced low, select an 8-bit DMA channel per the following table:
Cnfg-B Bits 5-3:
Select an IRQ channel per the following table:
Cnfg-B Bit-6:
Returns the true value of the selected IRQ pad.
Cnfg-B Bit-7:
Indicates RLE compression is not supported.
TABLE 1: DMA CHANNEL SELECTION: CNFG-B BITS[2:0]
WRITE TO FIFO
READ FROM FIFO
DMA CHANNEL
X00
000
3
X01
001
1
X10
010
2
X11
011
3 (Default)
TABLE 2: IRQ SELECTION: CNFG-B BITS[5:3]
WRITE TO FIFO
READ FROM FIFO
IRQ
000
001
7
001
001
7 (Default)
010
010
9
011
001
7
100
001
7
101
001
7
110
001
7
111
111
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com