Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C36 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 1 Page - Exar Corporation

  ST78C36 Datasheet HTML 1Page - Exar Corporation ST78C36 Datasheet HTML 2Page - Exar Corporation ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
ST78C36/36A
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
FEBRUARY 2004
REV. 5.0.1
GENERAL DESCRIPTION
The ST78C36/36A is a monolithic Parallel Port
Interface for use with IBM PC compatible platforms.
Operation as a standard Centronics printer port is the
default, but software may re-configure the device to
support
bi-directional
IBM
PS/2
parallel
port,
Enhanced Parallel Port (EPP), or the Extended
Capabilities Port (ECP, as defined by Hewlett Packard
and
Microsoft)
modes.
The
ECP
modes
are
supported by a 16 byte FIFO that may be accessed
by programmed I/O or DMA cycles.
APPLICATIONS
• Printers, Scanners and other peripherals
• ZIP Drives and back up drives
• Printer Server
• Embedded Applications
FEATURES
• IBM AT bus compatible
• Bi-directional port capability
• 16 byte FIFO for ECP modes
• On-chip oscillator (ST78C36A, ST78C36CQ64)
• Software selectable Interrupt (5, 7, or 9) and 8-bit
DMA channel (ST78C36CQ64)
FIGURE 1. ST78C36/36A BLOCK DIAGRAM
D0-D7
-IOR
-IOW
RESET
A0-A2
A10
-CS
AEN
-IOR, -IOW
-IRQx
IOCHRDY
DRQx
PDIR
Printer
Data
Ports
PD0-PD7
Printer
Control
Logic
-STROBE
INIT
-AUTOFDX
-SELCTIN
PE, SELECT
BUSY, -ACK
-ERROR
Printer
FIFO
Registers
Clock
&
Timing
Generator
XTAL1
XTAL2
TC
-DACKx


Similar Part No. - ST78C36

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST78C36 EXAR-ST78C36 Datasheet
636Kb / 28P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
643Kb / 27P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
636Kb / 28P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
643Kb / 27P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36ACJ44 EXAR-ST78C36ACJ44 Datasheet
636Kb / 28P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results

Similar Description - ST78C36

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
logo
List of Unclassifed Man...
GM82C803CN ETC1-GM82C803CN Datasheet
312Kb / 84P
2.88 MB FDC/ Dual UARTs with FIFO/PIO(EPP/ ECP)/ IDE Interface/ S-IR/ PnP
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
LOW VOLTAGE DUART WITH 16-BYTE FIFO
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com