Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8845CGC Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8845CGC
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845CGC Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8845CGC Datasheet HTML 8Page - Monolithic Power Systems MP8845CGC Datasheet HTML 9Page - Monolithic Power Systems MP8845CGC Datasheet HTML 10Page - Monolithic Power Systems MP8845CGC Datasheet HTML 11Page - Monolithic Power Systems MP8845CGC Datasheet HTML 12Page - Monolithic Power Systems MP8845CGC Datasheet HTML 13Page - Monolithic Power Systems MP8845CGC Datasheet HTML 14Page - Monolithic Power Systems MP8845CGC Datasheet HTML 15Page - Monolithic Power Systems MP8845CGC Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
12
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Table 1—Output Voltage Chart
(continued)
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
001 0110
0.7472
011 0110
0.9613
101 0110
1.1753
111 0110
1.3894
001 0111
0.7539
011 0111
0.9680
101 0111
1.1820
111 0111
1.3961
001 1000
0.7606
011 1000
0.9746
101 1000
1.1887
111 1000
1.4028
001 1001
0.7673
011 1001
0.9813
101 1001
1.1954
111 1001
1.4095
001 1010
0.7739
011 1010
0.9880
101 1010
1.2021
111 1010
1.4162
001 1011
0.7806
011 1011
0.9947
101 1011
1.2088
111 1011
1.4229
001 1100
0.7873
011 1100
1.0014
101 1100
1.2155
111 1100
1.4296
001 1101
0.7940
011 1101
1.0081
101 1101
1.2222
111 1101
1.4363
001 1110
0.8007
011 1110
1.0148
101 1110
1.2289
111 1110
1.4429
001 1111
0.8074
011 1111
1.0215
101 1111
1.2356
111 1111
1.4496
2. Reg01 SysCntlreg1
NAME
BITS
DESCRIPTION
Switching
Frequency
D[7:5]
D[7:5]
Switching
Frequency
D[7:5]
Switching Frequency
000
2.2MHz (Default)
100
1.25MHz
001
2MHz
101
1.11MHz
010
1.67MHz
110
1MHz
011
--
111
--
Reserved
D4
Reserved
Reserved
D3
Reserved
PG_LOHI
D2
A “0” here sets “PGOOD” to sense only a negative voltage excursion of VO from the
reference. A high (default) will set “PGOOD” to detect both a positive and negative
excursion of VO from the reference
VIN_OVP
D1
A “1” disables the VIN OVP function. Converter will continue to operate. A low will turn-
off the converter when Vin reaches Vin Max.
Mode
D0
A “0” enables PFM mode, a high disables PFM mode.
3. Reg02 SysCntlreg2
NAME
BITS
DESCRIPTION
Reserved
D[7:6]
Reserved
Go
D5
Writing to this bit starts a Vout transition regardless of its initial value
Output
Discharge
D4
A “0” disables the Output discharge, the output voltage just be discharged by load. A
high enables internal pull down.
Reserved
D3
Reserved
Slew Rate
D[2:0]
D[2:0]
SLEW RATE
D[2:0]
SLEW RATE
000
64 mV/μs
100
4 mV/μs
001
32 mV/μs
101
2 mV/μs
010
16 mV/μs
110
1 mV/μs
011
8 mV/μs
111
0.5 mV/μs
4. Reg03 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
VENDOR ID
Die ID
D[3:0]
IC Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com