Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8845CGC Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8845CGC
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845CGC Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8845CGC Datasheet HTML 10Page - Monolithic Power Systems MP8845CGC Datasheet HTML 11Page - Monolithic Power Systems MP8845CGC Datasheet HTML 12Page - Monolithic Power Systems MP8845CGC Datasheet HTML 13Page - Monolithic Power Systems MP8845CGC Datasheet HTML 14Page - Monolithic Power Systems MP8845CGC Datasheet HTML 15Page - Monolithic Power Systems MP8845CGC Datasheet HTML 16Page - Monolithic Power Systems MP8845CGC Datasheet HTML 17Page - Monolithic Power Systems MP8845CGC Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
14
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FUNTIONAL DIAGRAM
I2 C IF
&
Registers
DAC
+
_
Ramp
Diff.
Amp
EN
VOUT
AGND
SCL
SDA
VIN
SW
GND
UVLO&
Power Status
Control
SS
Clock
PWM
+
Driver
&
Control
PLL
+
Clock
Figure 1—MP8845C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com