Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7Q512 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT7Q512
Description  512K x 8 SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7Q512 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT7Q512 Datasheet HTML 1Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 2Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 3Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 4Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 5Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
(VDD = 5.0V±10%) (-55°C to +125°C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019.
1. Measured only for initial qualification and after process or design changes that could affect input/output capacitance.
2. Supplied as a design limit but not guaranteed or tested.
3. Not more than one output may be shorted at a time for maximum duration of one second.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
V
IH
High-level input voltage
2.2
V
VIL
Low-level input voltage
.8
V
VOL
Low-level output voltage
IOL = 2.1mA,VDD =4.5V
0.4
V
V
OH
High-level output voltage
I
OH = -1mA,VDD =4.5V
2.4
V
C
IN
1
Input capacitance
ƒ = 1MHz @ 0V
10
pF
CIO
1
Bidirectional I/O capacitance
ƒ = 1MHz @ 0V
10
pF
I
IN
Input leakage current
V
SS < VIN < VDD , VDD = VDD (max)
-2
2
µA
IOZ
Three-state output leakage current
0V < VO < VDD
VDD = VDD (max)
G = VDD (max)
-2
2
µA
IOS
2, 3
Short-circuit output current
0V <V
O <VDD
-80
80
mA
I
DD(OP)
Supply current operating
@ 1MHz
Inputs: V
IL = VSS + 0.8V,
V
IH = 2.2V
I
OUT = 0 mA
VDD = VDD (max)
50
mA
IDD1(OP)
Supply current operating
@10MHz
Inputs: VIL = VSS + 0.8V,
VIH = 2.2V
IOUT = 0mA
V
DD = VDD (max)
100
mA
IDD2(SB)
Nominal standby supply current
@0MHz
Inputs: VIL = VSS
IOUT = 0mA
E = VDD - 0.5
VDD = VDD (max)
VIH = VDD - 0.5V
35
1
µA
mA
-55
°C and
25
°C
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com