Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8632 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 17Page - Monolithic Power Systems MPQ8632 Datasheet HTML 18Page - Monolithic Power Systems MPQ8632 Datasheet HTML 19Page - Monolithic Power Systems MPQ8632 Datasheet HTML 20Page - Monolithic Power Systems MPQ8632 Datasheet HTML 21Page - Monolithic Power Systems MPQ8632 Datasheet HTML 22Page - Monolithic Power Systems MPQ8632 Datasheet HTML 23Page - Monolithic Power Systems MPQ8632 Datasheet HTML 24Page - Monolithic Power Systems MPQ8632 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
21
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
As the output current increases from the light
load condition, the current modulator regulates
the operating period that becomes shorter. The
HS-FET turns ON more frequently. Hence, the
switching frequency increases correspondingly.
The output current reaches the critical level when
the current modulator time decreases to zero.
Determine the critical output current level as
follows:
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
(2)
Where FSW is the switching frequency.
The IC turns into PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
Switching Frequency
Selecting the switching frequency requires
trading off between efficiency and component
size.
Low
frequency
operation
increases
efficiency by reducing MOSFET switching losses,
but requires larger inductor and capacitor values
to minimize the output voltage ripple.
For MPQ8632,set the on time using the FREQ
pin to set the frequency for steady state
operation at CCM.
The MPQ8632 uses adaptive constant-on-time
(COT) control, though the IC lacks a dedicated
oscillator. Connect the FREQ pin to the IN pin
through the resistor (RFREQ) so that the input
voltage is feed-forwarded to the one-shot on-time
timer. When operating in steady state at CCM,
the duty ratio stays at VOUT/VIN, so the switching
frequency is fairly constant over the input voltage
range. Set the switching frequency as follows:
6
SW
FREQ
IN
DELAY
IN
OUT
10
F(kHz)
6.1 R
(k )
V(V)
T(ns)
V(V) 0.4
V
(V)


(3)
Where TDELAY is the comparator delay of about
5ns.
Typically, the MPQ8632 is set to 200kHz to
1MHz applications. It is optimized to operate at
high switching frequencies at high efficiency, high
switching frequencies allow for physically smaller
LC filter components to reduce the PCB footprint.
Jitter and FB Ramp Slope
Figure 4 and Figure 5 show jitter occurring in
both PWM mode and skip mode. When there is
noise on the VFB descending slope, the HS-FET
ON time deviates from its intended point and
produces jitter and influences system stability.
The VFB ripple’s slope steepness dominates the
noise immunity though its magnitude has no
direct effect.
Figure 4—Jitter in PWM Mode
Figure 5—Jitter in Skip Mode
Ramp with a Large ESR Capacitor
Using POSCAPs or other large-ESR capacitors
as the output capacitor results in the ESR ripple
dominating the output ripple. The ESR also
significantly influences the VFB slope. Figure 6
shows the simplified equivalent circuit in PWM
mode with the HS-FET off and without an
external ramp circuit.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 6—Simplified Circuit in PWM Mode
without External Ramp Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com