Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8632 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 9Page - Monolithic Power Systems MPQ8632 Datasheet HTML 10Page - Monolithic Power Systems MPQ8632 Datasheet HTML 11Page - Monolithic Power Systems MPQ8632 Datasheet HTML 12Page - Monolithic Power Systems MPQ8632 Datasheet HTML 13Page - Monolithic Power Systems MPQ8632 Datasheet HTML 14Page - Monolithic Power Systems MPQ8632 Datasheet HTML 15Page - Monolithic Power Systems MPQ8632 Datasheet HTML 16Page - Monolithic Power Systems MPQ8632 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
13
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
MPQ8632GLE-10, VIN = 12V, VOUT = 1V, L = 1µH, TA = 25ºC, unless otherwise noted.
0
1
2
0
5
10
15
20
25
400
600
800
0
5
10
15
20
25
10
15
20
25
-50
0
50
100
150
1
4
7
-50
0
50
100
150
0
0.5
1
1.5
2
-50
0
50
100
150
2
3
4
5
-50
0
50
100
150
60
-50
0
50
100
150
1
1.5
2
2.5
3
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com