Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8632 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 24Page - Monolithic Power Systems MPQ8632 Datasheet HTML 25Page - Monolithic Power Systems MPQ8632 Datasheet HTML 26Page - Monolithic Power Systems MPQ8632 Datasheet HTML 27Page - Monolithic Power Systems MPQ8632 Datasheet HTML 28Page - Monolithic Power Systems MPQ8632 Datasheet HTML 29Page - Monolithic Power Systems MPQ8632 Datasheet HTML 30Page - Monolithic Power Systems MPQ8632 Datasheet HTML 31Page - Monolithic Power Systems MPQ8632 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
28
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
(28)
Table 2 lists a few highly-recommended high-
efficiency inductors.
Table 2—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L x W x H (mm
3)
Switching
Frequency
(kHz)
744325072
Wurth
0.72
1.35
35
10.2 x 10.5 x 4.7
500
FDU1250C-1R0M
TOKO
1
1.72
31.3
13.3 x 12.1 x 5
500
FDA1055-1R5M
TOKO
1.5
2.8
24
11.6 x 10.8 x 5.5
500
744325180
Wurth
1.8
3.5
18
10.2 x 10.5 x 4.7
500
FDA1055-2R2M
TOKO
2.2
3.94
20.6
11.6 x 10.8 x 5.5
500
FDA1055-3R3M
TOKO
3.3
5.92
15.6
11.6 x 10.8 x 5.5
500
HC7-3R9-R
Cooper
3.9
7.9
10.6
13.8 x 13 x 5.5
500
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages (1V,
2.5V, 3.3V) and switching frequency (500kHz).
Refer to Tables 3-9 for design cases without
external ramp compensation. And Tables 10-16
are for design cases with external ramp
compensation. An external ramp is not needed
when using high-ESR output capacitors, such as
electrolytic or POSCAPs. Use an external ramp
when using low-ESR capacitors, such as ceramic
capacitors. For cases not listed in this datasheet,
an excel spreadsheet provided by local sales
representatives can assist with the calculations.
Table 3—MPQ8632-4, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
1.8
13.3
20
357
2.5
3.3
63.4
20
887
3.3
3.9
91
20
1200
Table 4—MPQ8632-6, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
1
13.3
20
357
2.5
2.2
63.4
20
887
3.3
3.3
91
20
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com