Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8757 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8757
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8757 Datasheet HTML 13Page - Monolithic Power Systems MP8757 Datasheet HTML 14Page - Monolithic Power Systems MP8757 Datasheet HTML 15Page - Monolithic Power Systems MP8757 Datasheet HTML 16Page - Monolithic Power Systems MP8757 Datasheet HTML 17Page - Monolithic Power Systems MP8757 Datasheet HTML 18Page - Monolithic Power Systems MP8757 Datasheet HTML 19Page - Monolithic Power Systems MP8757 Datasheet HTML 20Page - Monolithic Power Systems MP8757 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
17
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Usually, R9 is se
t to 0Ω, and it can also be set
following equation 16 for a better noise immunity.
It should also set to be 5 times smaller than
R1//R2 to minimize its influence on Vramp.
9
4
SW
1
R
2
C
2F

(16)
Using equation 14 to calculate the R1 can be
complicated. To simplify the calculation, a DC-
blocking capacitor Cdc can be added to filter the
DC influence from R4 and R9. Figure 12 shows
a
simplified
circuit
with
external
ramp
compensation and a DC-blocking capacitor. With
this capacitor, R1 can easily be obtained by
using the simplified equation for PWM mode
operation:

OUT
REF
RAMP
12
REF
RAMP
1
(V
V
V
)
2
RR
1
VV
2
(17)
Cdc is suggested to be at least 10 times larger
than C4 for better DC blocking performance, and
should also not larger than 0.47uF considering
start up performance. In case one wants to use
larger Cdc for a better FB noise immunity,
combined with reduced R1 and R2 to limit the
Cdc in a reasonable value without affecting the
system start up. Be noted that even when the
Cdc is applied, the load and line regulation are
still Vramp related.
R1
R2
Ceramic
SW
FB
Vo
L
Cdc
R4
C4
Figure12
—Simplified Circuit of Ceramic
Capacitor with DC blocking capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance and should be placed as close to
the VIN pin as possible. Capacitors with X5R and
X7R
ceramic
dielectrics
are
recommended
because they are fairly stable with temperature
fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(18)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
(19)
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system, choose
the input capacitor that meets the specification.
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
F
C
V
V
 
(20)
Under worst-case conditions where VIN = 2VOUT:
OUT
IN
SW
IN
I
1
V
4
F
C
 
(21)
Output Capacitor
The output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors are recommended. The output voltage
ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
F
L
V
8 F
C
 
(22)
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com