Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8757 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8757
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8757 Datasheet HTML 1Page - Monolithic Power Systems MP8757 Datasheet HTML 2Page - Monolithic Power Systems MP8757 Datasheet HTML 3Page - Monolithic Power Systems MP8757 Datasheet HTML 4Page - Monolithic Power Systems MP8757 Datasheet HTML 5Page - Monolithic Power Systems MP8757 Datasheet HTML 6Page - Monolithic Power Systems MP8757 Datasheet HTML 7Page - Monolithic Power Systems MP8757 Datasheet HTML 8Page - Monolithic Power Systems MP8757 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP8757
High Efficiency, 7A, 18V
Synchronous, Step-Down Converter
MP8757 Rev. 1.0
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The
MP8757
is
a
fully-integrated,
high
frequency, synchronous, rectified, step-down
converter. It offers a very compact solution to
achieve a 7A output current over a wide input-
supply range with excellent load and line
regulation.
MP8757 employs the Constant-On-Time (COT)
control scheme, which provides fast transient
response, eases loop stabilization. The COT
control scheme provides seamless transition to
PFM mode at light load operation which boosts
the light load efficiency.
Under voltage lockout is internally set as 4.5V.
An open drain power good signal indicates
output voltage is within its nominal voltage
range.
Full protection features include OCP, OVP, and
thermal shut down.
MP8757 requires minimum number of external
components
and
are
available
in
QFN21
(3mmx4mm) package.
FEATURES
 Wide 5V to 18V Operating Input Range
 7A Continuous Output Current
 Low R
DS(ON) Internal Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 Internal Soft Start
 Output Discharge
 500kHZ Switching Frequency
 OCP, OVP, UVP Protection and Thermal
Shutdown
 Latch off Reset via EN or Power Cycle
 Output Adjustable from 0.604V to 5.5V
APPLICATIONS
Laptop Computer
Tablet PC
Networking Systems
Server
Personal Video Recorders
Flat Panel Television and Monitors
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
* Input voltage range covers down to 5V for lower output
voltage applications.


Similar Part No. - MP8757

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
MP8756GD MPS-MP8756GD Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
MP8756GD MPS-MP8756GD Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
logo
Infinite Electronics In...
MP8758-4 FAIRVIEW-MP8758-4 Datasheet
466Kb / 3P
4 Way Power Divider N Connectors From 800 MHz to 2.5 GHz Rated at 50 Watts
REV 2.0
More results

Similar Description - MP8757

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com