Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8757 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8757
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8757 Datasheet HTML 2Page - Monolithic Power Systems MP8757 Datasheet HTML 3Page - Monolithic Power Systems MP8757 Datasheet HTML 4Page - Monolithic Power Systems MP8757 Datasheet HTML 5Page - Monolithic Power Systems MP8757 Datasheet HTML 6Page - Monolithic Power Systems MP8757 Datasheet HTML 7Page - Monolithic Power Systems MP8757 Datasheet HTML 8Page - Monolithic Power Systems MP8757 Datasheet HTML 9Page - Monolithic Power Systems MP8757 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
6
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
2, 3
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is
driven up to the VIN voltage by the high-side switch during the on-time of the PWM
duty cycle. The inductor current drives the SW pin negative during the off-time. The on-
resistance of the low-side switch and the internal diode fixes the negative voltage. Use
wide and short PCB traces to make the connection. Try to minimize the area of the SW
pattern.
4
NC
Not Connected.
5, 6
VOUT
Buck regulator output voltage sense. Connect this pin to the output capacitor of the
regulator directly
7
NC
Not Connected.
8
AGND
Analog ground. The internal reference is referred to AGND. Connect the GND of the
FB divider resistor to AGND for better load regulation.
9
NC
Not Connected.
10,11
Exposed
Pad 20,21
PGND
Power Ground. Use wide PCB traces and multiple vias to make the connection.
12
Exposed
Pad 19
VIN
Supply Voltage. The VIN pin supplies power for internal MOSFET and regulator. The
MP8757 operates from a +5V to +18V input rail. An input capacitor is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
13
PG
Power good output, the output of this pin is an open drain signal and is high if the
output voltage is higher than 95% of the nominal volta
ge. There is a delay from FB ≥
95% to PG goes high.
14
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. Place the resistor divider as close to FB pin as possible. Avoid
vias on the FB traces.
15
GND
Ground pin. This pin needs to be connected to either PGND or AGND for normal
operation.
16
VCC
Internal 5V LDO output. The driver and control circuits are powered from this voltage.
Decouple with a minimum 1µF ceramic capacitor as close to the pin as possible. X7R
or X5R grade dielectric ceramic capacitors are recommended for their stable
temperature characteristics.
17
EN
Enable. EN is a digital input, which are used to enable or disable the regulators. Once
EN=1, the regulator output will be turned on; when EN=0, the regulator will be turned
off.
18
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com