Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9801 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 16Page - National Semiconductor (TI) LM9801 Datasheet HTML 17Page - National Semiconductor (TI) LM9801 Datasheet HTML 18Page - National Semiconductor (TI) LM9801 Datasheet HTML 19Page - National Semiconductor (TI) LM9801 Datasheet HTML 20Page - National Semiconductor (TI) LM9801 Datasheet HTML 21Page - National Semiconductor (TI) LM9801 Datasheet HTML 22Page - National Semiconductor (TI) LM9801 Datasheet HTML 23Page - National Semiconductor (TI) LM9801 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Applications Information
10 THEORY OF OPERATION
The LM9801 removes errors from and digitizes a linear CCD
pixel stream while providing all the necessary clock signals
to drive the CCD Offset and gain errors for individual pixels
are removed at the pixel rate Offset errors are removed
through correlated double sampling (CDS) Gain errors
(which may come from any combination of PRNU uneven
illumination cos4 effect RGB filter mismatch etc) are re-
moved through the use of a 8-bit programmable gain ampli-
fier (PGA) in front of the ADC
11 The Analog Signal Path
(See Block Diagram)
The analog output signal from the CCD is connected to the
OS input of the LM9801 through a 001 mF (typical see
Section 42
Clamp Capacitor Selection ) DC blocking capac-
itor During the CCD’s optical black pixel segment at the
beginning of every line this input is clamped to the REF
OUTMID voltage (approximately 245V) This DC restore op-
eration fixes the reference level of the CCD pixel stream at
REF OUTMID
The signal is then buffered and fed to a digitally-pro-
grammed 4-bit VGA (variable gain amplifier) The gain of the
VGA is digitally programmable in 16 steps from 1VV to
3VV The VGA is used to compensate for peak white CCD
outputs less than the 1225V full-scale required by the
LM9801 for maximum dynamic range When used with par-
allel output CCDs the VGA can fine-tune the amplitude of
the red green and blue signals For a detailed explanation
of the VGA see Section 43
The output of the VGA goes into the CDS (Correlated Dou-
ble Sampling) stage consisting of two samplehold amplifi-
ers SH Ref (Reference) and SH Signal The reference
level of the signal is sampled and held by the SH Ref cir-
cuit and the active pixel data is sampled and held by the S
H Signal circuit The output of SH Ref is subtracted from
the SH Signal output and amplified by 2 The full-scale
signal range at this point is approximately 245Vp-p CDS
reduces or eliminates many sources of noise including re-
set noise flicker noise and both high and low frequency
pixel-to-pixel offset variation For more information on the
CDS stage see Section 44
At this point an offset voltage can be injected by the 5-bit (4
bits a sign) Offset DAC This voltage is designed to com-
pensate for any small fixed DC offset introduced by the CDS
SHs and the x2 amplifier The LSB size of the DAC is ap-
proximately 042 ADC LSBs (4 mV) The adjustment range
is g63 ADC LSBs For a detailed explanation of the Offset
DAC see Section 46
The next stage is the PGA This is a programmable gain
amplifier that changes the gain
at the pixel rate to correct
for gain errors due to PRNU uneven illumination (such as
cos4 effect) RGB filter mismatch etc The gain adjustment
range is 0 dB to 9 dB (1VV to 3VV) with 8 bits of resolu-
tion The gain data (correction coefficients) is provided on
the CD0 – CD7 bus The gain may also be fixed at any value
between 0 dB and 9 dB with the PGA Gain Coefficient
configuration register For additional information on the
PGA see Section 47
An approximately 2 LSB (29 mV) offset can be added at the
output of the PGA stage if necessary to ensure that the
offset is greater than zero This eliminates the possibility of
a negative offset clipping the darkest output pixels For
more information on the Offset Add Bit see Section 48
Finally the output of the PGA is digitized by the ADC and
made available on the DD0 – DD7 bus (Section 49)
Three reference voltages are used throughout the signal
path the externally supplied REF IN (1225V) and the inter-
nally generated REF OUTMID (245V) and REF OUTHI
(3675V)
12 The CCD Clocking Signals
To maximize the flexibility of the LM9801 the CCD’s w1
w
2 RS and TR pulses are internally generated with a wide
range of options making these signals compatible with
most commercial linear CCDs In many cases these output
signals can drive the CCD clock inputs directly with only
series resistors (for slew rate control) between the
LM9801’s outputs and the CCD clock inputs
13 The Digital Interface
There are three main sections to the digital interface of the
LM9801 a serial interface to the Configuration Register
where all device programming is done an 8 bit-wide input
databus for gain correction coefficients with a synchronous
clock output (CCLK) and an 8-bit output databus for the
final pixel output data with a synchronous end of conversion
output signal (EOC) and an output enable input (RD) Please
note that the CS input affects only the serial IO – it has no
effect on the output databus input coefficient bus or any
other section of the LM9801
20 DIGITAL INTERFACE
21 Reading and Writing to the Configuration Register
Communication with the Configuration Register is done
through a standard MICROWIRETM serial interface This in-
terface is also compatible with the Motorola SPITM standard
and is simple enough to easily be implemented in custom
hardware if desired
The serial interface timing is shown in Diagrams 13a – 13b
and Diagrams 15a – 15d Data is sent serially LSB first
(Please note that some microcontrollers output data MSB
first When using these microcontrollers the bits in the con-
figuration register are effectively reversed) Input data is
latched on the rising edge of SCLK and output data chang-
es on the falling edge of SCLK CS must be low to enable
serial IO
If SCLK is only clocked when sending or receiving data from
the LM9801 and held low at all other times then CS can be
tied low permanently as shown in Diagrams 15a – 15d If
SCLK is continuous then CS must be used to determine the
beginning and the end of a serial byte or word (see Dia-
grams 13a – 13b) Note that CS must make its high-to-low
and low-to-high transitions when SCLK is low otherwise the
internal bit counter may receive an erroneous pulse causing
an error in the write or read operation
Data may be transmitted and received in two 8-bit bytes
(typical with microcontroller interfaces) or one 16-bit word
(for custom serial controllers)
http
www nationalcom
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com