Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9801 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9801 Datasheet HTML 1Page - National Semiconductor (TI) LM9801 Datasheet HTML 2Page - National Semiconductor (TI) LM9801 Datasheet HTML 3Page - National Semiconductor (TI) LM9801 Datasheet HTML 4Page - National Semiconductor (TI) LM9801 Datasheet HTML 5Page - National Semiconductor (TI) LM9801 Datasheet HTML 6Page - National Semiconductor (TI) LM9801 Datasheet HTML 7Page - National Semiconductor (TI) LM9801 Datasheet HTML 8Page - National Semiconductor (TI) LM9801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DC and Logic Electrical Characteristics (Continued)
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD ea50VDC VD(IO) ea50 or
a
30VDC REF IN ea1225VDC fMCLK e 20 MHz Rs e 25X Boldface limits apply for TA e TJ e TMIN to TMAX all
other limits TA e TJ e 25 C (Notes 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
POWER SUPPLY CHARACTERISTICS
IA
Analog Supply Current
Operating
25
32
mA (max)
Standby
50
m
A
ID
Digital Supply Current
Operating
6
8
mA (max)
MCLK e 065
m
A
ID(IO)
Digital IO Supply Current
Operating VD(IO) e 50V
31
6
mA (max)
Operating VD(IO) e 30V
16
4
mA (max)
MCLK e 0 VD(IO) e 50V or 30V
17
mA
AC Electrical Characteristics MCLK Independent
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD e VD(IO) ea50VDC REF IN e
a
1225VDC fMCLK e 20 MHz tMCLK e 1fMCLK tr e tf e 5 ns Rs e 25X CL (databus loading) e 50 pFpin Boldface
limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
fMCLK
Maximum MCLK Frequency
20
MHz (min)
Minimum MCLK Frequency
1
MHz (max)
MCLK Duty Cycle
30
40
% (min)
70
60
% (max)
tA
SYNC Setup of MCLK
5
10
ns (min)
tCDSETUP
Correction Data Valid to CLK Setup
14
20
ns (min)
tCDHOLD
Correction Data Valid to CLK Hold
b
12
0
ns (min)
tD1H tD0H
RD High to DD0 – DD7 TRI-STATE
5
15
ns (max)
tDACC
Access Time Delay from RD Low to
15
30
ns (max)
DD0 – DD7 Data Valid
fSCLK
Maximum SCLK Frequency
20
MHz (min)
SCLK Duty Cycle
40
% (min)
60
% (max)
tSDI
SDI Set-Up Time from SCLK
3
10
ns (min)
Rising Edge
tHDI
SDI Hold Time from SCLK
2
15
ns (min)
Rising Edge
tDDO
Delay from SCLK Falling Edge to
25
50
ns (max)
SDO Data Valid
tHDO
SDO Hold Time from SCLK
RL e 3k CL e 50 pF
30
50
ns (max)
Falling Edge
5
ns (min)
tDELAY
DELAY from SCLK Falling Edge to
5
10
ns (min)
CS Rising or Falling Edge
tSETUP
Set-Up Time of CS Rising or Falling
0
10
ns (min)
Edge to SCLK Rising Edge
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com