Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9801 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 25Page - National Semiconductor (TI) LM9801 Datasheet HTML 26Page - National Semiconductor (TI) LM9801 Datasheet HTML 27Page - National Semiconductor (TI) LM9801 Datasheet HTML 28Page - National Semiconductor (TI) LM9801 Datasheet HTML 29Page - National Semiconductor (TI) LM9801 Datasheet HTML 30Page - National Semiconductor (TI) LM9801 Datasheet HTML 31Page - National Semiconductor (TI) LM9801 Datasheet HTML 32Page - National Semiconductor (TI) LM9801 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Applications Information (Continued)
80 A TYPICAL GREYSCALE APPLICATION
Figure 15 shows the interface between the LM9801 and a
typical greyscale evenodd output CCD the TCD1250 The
interface for most other CCDs will be similar the only differ-
ence being the values for the series resistors (if required)
The clamp capacitor value is determined as shown in Sec-
tion 42 The resistor values are usually given in the CCD’s
datasheet If the datasheet’s requirement is given as a par-
ticular risefall time the resistor can be chosen using the
graph of w1 w2 RS and TR Rise Times Through a Series
Resistance vs Load Capacitance
graph in the Typical
Performance Characteristics
section Given the required
rise time and the input capacitance of the input being driven
the resistor value can be estimated from the graph
TLH12814 – 42
FIGURE 15 Greyscale CCD Interface Example
These are the Configuration Register parameters recom-
mended for use as a starting point for most evenodd
CCDs
Mode e 1 (EvenOdd mode)
RS Pulse Width e 0 (1 MCLK)
RS Pulse Polarity e 0
RS Pulse Position e 10
Sample Reference Position e 14
Sample Signal Position e 8
w
1 w2RSTR Enable e 1111
TR Pulse Width e 0
TR-w1 Guardband e 0
TR Polarity e 0
Signal Polarity e 1
Dummy Pixels e 2
Optical Black Pixels e 5
( Value given in CCD datasheet)
The Mode is set to EvenOdd RS Pulse Width is set to its
minimum value and RS polarity is positive The timing
shown in
Figure 16 is determined by the RS SR and SS
registers The RS pulse position (RS) is set to 10 dividing
the pixel period so that the
signal portion is available for the
first 5 MCLKs following a w1 clock edge and the
black refer-
ence portion appears during the last 2 MCLKs (following the
1 MCLK wide reset pulse) Sample Reference (SR) is set to
14 so it samples the black reference just before the next w1
clock edge Sample Signal (SS) is set to 8 so it samples the
black reference just before the next reset pulse These val-
ues can be adjusted to account for differences in CCDs
CCD data delays settling time etc
but this is often not
necessary
TLH12814 – 43
FIGURE 16 Typical EvenOdd Timing
All 4 digital outputs (w1 w2 RS and TR) are enabled The
TR pulse width is set to the minimum 20 MCLKs as is the
guardband between w1 and TR Either of these settings can
be increased if necessary
The TR polarity is positive as is the RS polarity Some
CCDs may require one or both of these signals to be invert-
ed in which case the corresponding bit can be set to a ‘‘1’’
If there is an inverting buffer between the LM9801 and the
CCD these bits may be used to correct the output polarity
at the CCD Note that if w1 and w2 are inverted then w2
should be used as w1 at the CCD and w1 should be used
as w2 at the CCD (
Figure 17 )
TLH12814 – 44
FIGURE 17 w1 and w2 After Inversion
Since this is a CCD sensor the Signal Polarity is set to a 1
(inverted) to match the CCD’s output signal The number of
dummy pixels and optical black reference pixels are given in
the CCD’s datasheet The dummy pixel register should be
programmed with the number of dummy pixels in the CCD
a
1 (for example if the CCD has 16 dummy pixels then the
register should contain 17) The optical black reference reg-
ister should be programmed with the number of optical
black pixels in the CCD
http
www nationalcom
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com