Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4033 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4033
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4033 Datasheet HTML 15Page - Monolithic Power Systems MP4033 Datasheet HTML 16Page - Monolithic Power Systems MP4033 Datasheet HTML 17Page - Monolithic Power Systems MP4033 Datasheet HTML 18Page - Monolithic Power Systems MP4033 Datasheet HTML 19Page - Monolithic Power Systems MP4033 Datasheet HTML 20Page - Monolithic Power Systems MP4033 Datasheet HTML 21Page - Monolithic Power Systems MP4033 Datasheet HTML 22Page - Monolithic Power Systems MP4033 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
19
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Adaptive Dimmer Type Detection
The MP4033 integrates adaptive dimmer type
detection to accurately detect which kind of
dimmer is connected at the system start-up,
leading edge dimmer, trailing edge dimmer or no
dimmer. The MP4033 works in different modes
depending on these dimmer types to achieve the
best
dimmer compatibility at the highest
performance.
Phase-Cut-Based Dimming Control
The
MP4033
implements
phase-cut-based
dimming control (both for leading edge and
trailing edge dimmers). For the leading edge
dimmer, most of them are TRIAC-based.. The
TRIAC dimmer usually consists of a bi-directional
SCR and an adjustable turn on phase. Figure 10
shows
the
leading-edge
TRIAC
dimmer
waveforms.
Line voltage
after TRIAC
dimmer
Input line
voltage before
TRIAC dimm er
Rectified line
voltage
Dimmer
turn on
phase
Line cycle
Figure 10: Leading Edge Dimmer Waveforms
For the Trailing edge dimmer, the waveforms are
shown in Figure 11.
Figure 11: Trailing Edge Dimmer Waveforms
The MP4033 detects the dimming turn-on cycle
through the MULT pin. Based on the turn-on
cycle, the control circuitry adjusts the internal
reference voltage. MULT voltage exceeding
VMULT_ON is recognized as a dimmer turn-on signal,
MULT voltage below VMULT_OFF is recognized as a
dimmer turn-off signal. The MP4033 has a 30%
line-cycle-detection blanking time at each line
cycle, the real phase detector output added this
blanking time to determine the reference voltage,
if it is higher than 100%, the reference voltage is
clamped to 100%. As shown in FigureError!
Reference source not found.
12. That means if
the turn-on cycle exceeds 70% of the line cycle,
the reference maintains the maximum value,
which makes the maximum output current with
different dimmers is almost the same with the
rated output current.
Figure12: Dimming Turn-On Cycle Detector
When the turn-on cycle decreases to less than
70% of the line cycle, the internal reference
voltage decreases, lowering the output current.
As the dimming turn-on cycle decreases, the
COMP voltage also decreases. For leading edge
dimmer, once the COMP voltage reaches
VCOMPL_LD, it is clamped. The output current
decreases slowly to maintain the TRIAC holding
current and avoid random flicker. Figure Error!
Reference source not found.
13 shows the
relationship between the leading edge dimming
turn-on phase and output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com