Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4033 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4033
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4033 Datasheet HTML 10Page - Monolithic Power Systems MP4033 Datasheet HTML 11Page - Monolithic Power Systems MP4033 Datasheet HTML 12Page - Monolithic Power Systems MP4033 Datasheet HTML 13Page - Monolithic Power Systems MP4033 Datasheet HTML 14Page - Monolithic Power Systems MP4033 Datasheet HTML 15Page - Monolithic Power Systems MP4033 Datasheet HTML 16Page - Monolithic Power Systems MP4033 Datasheet HTML 17Page - Monolithic Power Systems MP4033 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
14
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
SOIC-8 SOIC-14 MSOP-10
1
2
1
MULT
One of the Internal Multiplier’s Input. Connect to the tap of resistor divider
from the rectified voltage of the AC line. The half-wave sinusoid signal on
this pin provides a reference signal for the internal current control loop.
The MULT pin is also used for dimmer type detection and dimming
phase detection.
2
3
2
ZCD
Zero-Current Detection. A negative going edge triggers the internal
MOSFET’s turn-on signal. Connect to the tap of a resistor divider from
the auxiliary winding to GND. The over-voltage condition is detected in
ZCD pin.
Over-voltage occurs if VZCD exceeds the over-voltage-
protection (OVP) threshold after a blanking time when the internal
MOSFET turns off. The ZCD pin is also used to select the Strong/Weak
Dimming Pull Down Current in leading edge dimming. Besides, the ZCD
itself has short circuit protection to prevent the device damage when
output is open and ZCD pin is short.
3
4
3
VCC
Supply Voltage. Supply power for both the control signal and the internal
MOSFET’s gate driver. Connect this pin to an external bulk capacitor—
typically 22µF.
4
5
4
DAMP Gate Control pin of the external Damping MOSFET.
NA
6
5
DIM
Gate driver. This is the DIM signal from internal control logic, it is used to
control the color temperature and brightness for warm sunset dimming or
drive an external dummy Load to enlarge the dimming depth..
5
9
6
D
Internal Low-Side main MOSFET Drain. It is connected to the source of
the external high-side main MOSFET. This pin is also internally
connected to VCC thro a diode and a JFET to form an internal charging
circuit for VCC. There is a series-connected MOS and diode internally to
pull up the D to VCC at fault condition to turn off the main switch reliably.
There is an intelligent Dimming Pull Down Current Source on this pin.
6
10
7
S
Internal Low-Side main MOSFET Source. Connect a resistor from this
pin to GND to sense the internal MOSFET current. An internal
comparator compares the resulting voltage to the internal sinusoid
shaped current reference signal to determine when the MOSFET turns
off. If the voltage exceeds the upper current-clamp threshold after the
leading edge blanking time during the turn-on interval, the gate signal
turns off. Over-current occurs if Vs exceeds OCP Voltage during the
gate-on interval after the OCP lead edge blanking time.
NA
11
8
NTC
LED temperature protection input. Connecting a NTC resistor from this
pin to GND reduces the output current in high ambient temperature to
protect the LED and driver. Analog dimming is accomplished with an
external PWM signal through a resistor. A 1kΩ resistor is recommended.
7
12
9
GND
Ground. Current return of the control signal and power signal.
8
13
10
COMP
Loop Compensation. Connect it to a compensation network to stabilize
the LED driver and accurately control the LED driver current.
1,7,8,14
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com