Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4033 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4033
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4033 Datasheet HTML 1Page - Monolithic Power Systems MP4033 Datasheet HTML 2Page - Monolithic Power Systems MP4033 Datasheet HTML 3Page - Monolithic Power Systems MP4033 Datasheet HTML 4Page - Monolithic Power Systems MP4033 Datasheet HTML 5Page - Monolithic Power Systems MP4033 Datasheet HTML 6Page - Monolithic Power Systems MP4033 Datasheet HTML 7Page - Monolithic Power Systems MP4033 Datasheet HTML 8Page - Monolithic Power Systems MP4033 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP4033
TRIAC Dimmable, Primary Side Control
Offline LED Controller with Active PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
1
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4033 is a TRIAC-dimmable primary-
side–control, offline LED lighting controller with
active PFC. It is also available for applications
that requires analog dimming with PWM input. It
outputs an accurate LED current for an isolated
lighting application with a single-stage converter.
The proprietary real-current–control method
accurately controls the LED current using
primary-side information.
The
MP4033
implements
power-factor
correction and works in boundary-conduction
mode to reduce MOSFET switching losses.
The adaptive dimmer type detection and phase-
cut-based dimming control achieves good
dimmer compatibility and deep dimming range.
The MP4033 has an integrated charging circuit
at the supply pin for fast start-up without a
perceptible delay.
With the unique control of the driver pin DIM,
the MP4033 supports color temperature and
brightness control for warm sunset dimming
application
The MP4033 has multiple protections that
greatly enhance system reliability and safety,
including output over-voltage protection, output
short-circuit protection, winding short circuit
protection, programmable thermal fold-back
(MSOP10/SOIC14), ZCD pin short circuit
protection, supply-pin under-voltage lockout,
and over-temperature protection.
All fault protections feature auto-restart.
The MP4033 is available in SOIC-8 / MSOP-10
/ SOIC-14 package.
FEATURES
• Primary-Side-Control without Requiring a
Secondary-Side Feedback Circuit
• Adaptive Dimmer Type Detection and
Phase-Cut-Based Dimming Control
• Good Dimmer Compatibility and Deep
Dimming Range
• Analog Dimming with PWM Input
• Fast Start-Up without Perceptible Delay
• Programmable Current Fold-back to
Prolong the LED lifetime (NTC)
• Color Temperature and Brightness Control
for Warm Sunset Dimming application
• Accurate Line & Load Regulation
• High Power Factor
• Operates in Boundary Conduction Mode
• Cycle-by-Cycle Current Limit
• Winding Short Circuit Protection
• Output Over-Voltage Protection
• Output Short-Circuit Protection
• ZCD Pin Short-Circuit Protection
• Over-Temperature Protection
• Available in SOIC-8/MSOP-10/SOIC-14
Package
APPLICATIONS
• Solid-State Lighting up to 50W
• Industrial and Commercial Lighting
• Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4033

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4033GK MPS-MP4033GK Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
MP4033GK MPS-MP4033GK Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4033

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
EV4031-S-00A MPS-EV4031-S-00A Datasheet
698Kb / 19P
108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com