Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5402M Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5402M Datasheet HTML 1Page - Monolithic Power Systems MP5402M Datasheet HTML 2Page - Monolithic Power Systems MP5402M Datasheet HTML 3Page - Monolithic Power Systems MP5402M Datasheet HTML 4Page - Monolithic Power Systems MP5402M Datasheet HTML 5Page - Monolithic Power Systems MP5402M Datasheet HTML 6Page - Monolithic Power Systems MP5402M Datasheet HTML 7Page - Monolithic Power Systems MP5402M Datasheet HTML 8Page - Monolithic Power Systems MP5402M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP5402M – STEP-DOWN CONVERTER WITH SMART DUAL USB CHARGING PORTS
MP5402M Rev.1.0
www.MonolithicPower.com
3
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 40V
VSW......................................................................
–0.3V (-5V for <10ns) to VIN + 0.3V (43V for
<10ns)
VBST ................................................... VSW + 6.5V
VEN .............................................. -0.3V to 10V
(2)
All other pins ................................-0.3V to +6.5V
Continuous power dissipation (TA = +25°C)
(3)
QFN-26 (4mmx4mm) ................................. 2.8W
Junction temperature ................................150
°C
Lead temperature .....................................260
°C
Storage temperature................ -65
°C to +150°C
Recommended Operating Conditions
(4)
Operation input voltage range ............7V to 36V
Output current.....2.4A for USB1, 2.4A for USB2
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-26 (4mmx4mm).............. 44 ....... 9....
°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) For details of the EN’s ABS max rating, please refer to the EN
control section on page 11.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will produce an excessive die temperature,
causing the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from
permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com