Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5402M Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5402M Datasheet HTML 1Page - Monolithic Power Systems MP5402M Datasheet HTML 2Page - Monolithic Power Systems MP5402M Datasheet HTML 3Page - Monolithic Power Systems MP5402M Datasheet HTML 4Page - Monolithic Power Systems MP5402M Datasheet HTML 5Page - Monolithic Power Systems MP5402M Datasheet HTML 6Page - Monolithic Power Systems MP5402M Datasheet HTML 7Page - Monolithic Power Systems MP5402M Datasheet HTML 8Page - Monolithic Power Systems MP5402M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP5402M – STEP-DOWN CONVERTER WITH SMART DUAL USB CHARGING PORTS
MP5402M Rev.1.0
www.MonolithicPower.com
5
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, TJ = -40°C to +125°C
(6). Typical value is tested at TJ = +25°C unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
USB Switch
TJ = +25°C
3.8
4
4.3
Under-voltage lockout
threshold rising
VUSB_UVR
TJ = -40°C to +125°C
3.75
4
4.33
V
Under-voltage lockout
threshold hysteresis
VUSB_UVHYS
220
270
320
mV
Switch-on resistance
RDSON_SW
24
mΩ
Current limit
ILimit
TJ = +25°C
2.6
2.75
2.9
A
VDROP_COM1 Max load 2.4A, VDROP = float, TJ = +25°C
300
400
500
mV
VDROP_COM2 Max load 2.4A, VDROP = high
280
mV
Line drop compensation
VDROP_COM3 Max load 2.4A, VDROP = GND
130
mV
FREQ, VDROP high level
VHIGH
VCC-
0.4V
V
FREQ, VDROP middle
level
VMIDDLE
2.5
V
FREQ, VDROP low level
VLOW
0.4
V
VOUT = 5V, from 10% to 90%,TJ = +25°C
1
1.6
2.2
VBUS soft-start time
TSS
VOUT = 5V, from 10% to 90%,
TJ = -40°C to +125°C
0.9
1.6
2.4
ms
TJ = +25°C
50
70
Discharge resistance
RDCHG
TJ = -40°C to +125°C
50
75
Ω
THICP_ON1
VOUT = 5V, VBUS connected to GND
3
(7)
VOUT = 5V, VBUS > 2V, OC
TJ = +25°C
3.5
5
6.5
Hiccup mode on time
THICP_ON2
VOUT = 5V, VBUS > 2V, OC
TJ = -40°C to +125°C
3
5
7
ms
VOUT = 5V, VBUS connected to GND,
TJ = +25°C
6.5
8.5
10.5
Hiccup mode off time
THICP_OFF
VOUT = 5V, VBUS connected to GND,
TJ = -40°C to +125°C
6
8.5
11
s
BC1.2 DCP Mode
VDP = 0.8V, IDM = 1mA, TJ = +25°C
125
155
DP and DM short
resistance
RDP/DM_Short V
DP = 0.8V, IDM = 1mA,
TJ = -40°C to +125°C
125
160
Ω
Divider Mode
VOUT = 5V, TJ = +25°C
2.54
2.7
2.82
DP/DM output voltage
VDP/DM_Divider
VOUT = 5V, TJ = -40°C to +125°C
2.5
2.7
2.85
V
TJ = +25°C
20
22
23
DP/DM output impedance
RDP/DM_Divider
TJ = -40°C to +125°C
18
22
28
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com