Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5402M Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5402M Datasheet HTML 1Page - Monolithic Power Systems MP5402M Datasheet HTML 2Page - Monolithic Power Systems MP5402M Datasheet HTML 3Page - Monolithic Power Systems MP5402M Datasheet HTML 4Page - Monolithic Power Systems MP5402M Datasheet HTML 5Page - Monolithic Power Systems MP5402M Datasheet HTML 6Page - Monolithic Power Systems MP5402M Datasheet HTML 7Page - Monolithic Power Systems MP5402M Datasheet HTML 8Page - Monolithic Power Systems MP5402M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP5402M
5A, 36V, Frequency Selectable
Step-Down Converter
with Smart Dual USB Charging Ports
MP5402M Rev.1.0
www.MonolithicPower.com
1
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5402M integrates a monolithic, step-
down, switch-mode converter with two USB
current-limit switches and a charging port
identification
circuit.
It
achieves
5A
of
continuous output current over a wide input
supply range with excellent load and line
regulation.
The output of the USB switch is current limited.
Both USB ports support DCP schemes for the
battery charging specification (BC1.2), the
divider mode, and the 1.2V/1.2V mode,
eliminating outside user interaction.
The output voltage has programmable line drop
compensation.
Fault condition protection includes hiccup current
limiting, output OVP, and thermal shutdown
(TSD).
The MP5402M requires a minimum number of
readily available, standard, external components
and is available in a QFN-26 (4mmx4mm)
package.
FEATURES
• EMI Reduction Technique
• Wide 7V to 36V Operating Input Voltage
Range
• Fixed 5V Output Voltage with Line Drop
Compensation
• Accurate USB1/USB2 Output Current Limit
• 40mΩ/32mΩ Low-RDS(ON) Internal Buck
Power MOSFETs
• 24mΩ/24mΩ Low-RDS(ON) Internal
USB1/USB2 Power MOSFETs
• 350kHz/250kHz/150kHz Frequency
Selectable
• Programmable Line Drop Compensation
• Output Over-Voltage Protection
• Hiccup Current Limit
• Supports DCP Schemes for BC1.2, Divider
Mode, and 1.2V/1.2V Mode
• ±8kV HBM ESD Rating for USB, DP, and
DM
• Available in a QFN-26 (4mmx4mm) Package
APPLICATIONS
• USB Dedicated Charging Ports (DCP)
• Smart Cigarette Lighter Adapter USB
Chargers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5402M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5402M MPS-MP5402M Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
MP5402M MPS-MP5402M Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
More results

Similar Description - MP5402M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MP5408M MPS-MP5408M Datasheet
895Kb / 21P
36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
MP2496M MPS-MP2496M Datasheet
620Kb / 17P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV5402M-R-00B MPS-EV5402M-R-00B Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV2496M-R-00A MPS-EV2496M-R-00A Datasheet
450Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
EVQ4491M-RE-00A MPS-EVQ4491M-RE-00A Datasheet
408Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
MPQ4475-E MPS-MPQ4475-E Datasheet
995Kb / 17P
36V, 2.5A, Frequency Selectable,36V, 2.5A, Frequency Selectable,with Single USB Charging Port AEC-Q100 Qualified
Rev. 1.0 10/24/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com