Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8764GLE Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8764GLE Datasheet HTML 15Page - Monolithic Power Systems MP8764GLE Datasheet HTML 16Page - Monolithic Power Systems MP8764GLE Datasheet HTML 17Page - Monolithic Power Systems MP8764GLE Datasheet HTML 18Page - Monolithic Power Systems MP8764GLE Datasheet HTML 19Page - Monolithic Power Systems MP8764GLE Datasheet HTML 20Page - Monolithic Power Systems MP8764GLE Datasheet HTML 21Page - Monolithic Power Systems MP8764GLE Datasheet HTML 22Page - Monolithic Power Systems MP8764GLE Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
19
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
2
R
V
2
1
V
V
2
1
V
V
1
R
RAMP
REF
RAMP
REF
OUT
×
×
+
×
−
−
=
(19)
CDC is suggested to be at least 10 times larger
than C4 for better DC blocking performance, and
should be not larger than 0.47uF considering
start up performance. In case one wants to use
larger CDC for a better FB noise immunity,
combined with reduced R1 and R2 to limit the
CDC in a reasonable value without affecting the
system start up. Be noted that even when the
Cdc is applied, the load and line regulation are
still VRAMP related.
R1
R2
Ceramic
SW
FB
VOUT
L
CDC
R4
C4
Figure 12—Simplified Circuit of Ceramic
Capacitor with DC blocking capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous. Therefore, a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance. In the layout, it’s recommended to
put the input capacitors as close to the IN pin as
possible.
The
capacitance
varies
significantly
over
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over temperature.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
−
×
×
=
(20)
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
OUT
CIN =
(21)
For simplification, choose the input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is input
voltage ripple requirement in the system design,
choose the input capacitor that meets the
specification
The input voltage ripple can be estimated as
follows:
)
V
V
1
(
V
V
C
F
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
−
×
×
×
=
∆
(22)
The worst-case condition occurs at VIN = 2VOUT,
where:
IN
SW
OUT
IN
C
F
I
4
1
V
×
×
=
∆
(23)
Output Capacitor
The output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors are recommended. The output voltage
ripple can be estimated as:
)
C
F
8
1
R
(
)
V
V
1
(
L
F
V
V
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
×
×
+
×
−
×
×
=
∆
(24)
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated as:
)
V
V
1
(
C
L
F
8
V
V
IN
OUT
OUT
2
SW
OUT
OUT
−
×
×
×
×
=
∆
(25)
The output voltage ripple caused by ESR is very
small. Therefore, an external ramp is needed to
stabilize the system. The external ramp can be
generated through resistor R4 and capacitor C4
following equation 5, 8 and 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com