Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8764GLE Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8764GLE Datasheet HTML 15Page - Monolithic Power Systems MP8764GLE Datasheet HTML 16Page - Monolithic Power Systems MP8764GLE Datasheet HTML 17Page - Monolithic Power Systems MP8764GLE Datasheet HTML 18Page - Monolithic Power Systems MP8764GLE Datasheet HTML 19Page - Monolithic Power Systems MP8764GLE Datasheet HTML 20Page - Monolithic Power Systems MP8764GLE Datasheet HTML 21Page - Monolithic Power Systems MP8764GLE Datasheet HTML 22Page - Monolithic Power Systems MP8764GLE Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
22
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESIGN EXAMPLE
Table 4 lists the specifications for a design
example that follows the application guidelines:
Table 4—Design Example
VIN
12V
VOUT
3V
FSW
500kHz
The detailed application schematic is shown in
Figure 15. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheet.
TYPICAL APPLICATION
N S
C 7
C 1B
C 1C
220nF
C 6
C 5
N S
C 8
499k
R 5
100k
R 6
1M
R 7
N S
R 8
C 1A
V IN
1
V IN
1
G N D
1
EN
1
PG OO D
1
V C C
C 1D
C 3
100pF
C 4
4.7
R 3
1M
R 4
40.2k
R 1
10k
R 2
2k
R 9
1
2
L1
GN D
N S
C 2A
V out
SW
1
V O U T
1
G N D 1
C 2B
C 2C
C 2D
C 2E
FB
SW
GN D
SW
15
IN
V C C
7
FRE Q
2
FB
3
EN
1
PGOO D
6
BST
8
9,14
MP8764GLE
IN
U 1
MP8764G LE
Figure 15—Typical Application Circuit with Low ESR Ceramic Capacitor
VIN=12V, VOUT=3V, IOUT=12A, FSW=500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com