Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8764GLE Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8764GLE Datasheet HTML 15Page - Monolithic Power Systems MP8764GLE Datasheet HTML 16Page - Monolithic Power Systems MP8764GLE Datasheet HTML 17Page - Monolithic Power Systems MP8764GLE Datasheet HTML 18Page - Monolithic Power Systems MP8764GLE Datasheet HTML 19Page - Monolithic Power Systems MP8764GLE Datasheet HTML 20Page - Monolithic Power Systems MP8764GLE Datasheet HTML 21Page - Monolithic Power Systems MP8764GLE Datasheet HTML 22Page - Monolithic Power Systems MP8764GLE Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
20
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. The ramp voltage generated from the
ESR is high enough to stabilize the system.
Therefore, an external ramp is not needed. A
minimum ESR value around 12m
is required to
ensure stable operation of the converter. For
simplification,
the
output
ripple
can
be
approximated as:
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
1
(
L
F
V
V
×
×
×
=
(26)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. A larger value
inductor will result in less ripple current and lower
output ripple voltage. However, a larger value
inductor will have a larger physical size, higher
series resistance, and/or lower saturation current.
A good rule for determining the inductor value is
to allow the peak-to-peak ripple current in the
inductor to be approximately 30~40% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated as:
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
×
×
=
(27)
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
×
×
×
+
=
(28)
The inductors listed in Table 1 are highly
recommended for the high efficiency they can
provide.
Table 1—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(m )
Current
Rating (A)
Dimensions
L x W x H (mm
3)
Switching
Frequency
(kHz)
PCMC-135T-R68MF
Cyntec
0.68
1.7
34
13.5 x 12.6 x 4.8
600
FDA1254-1R0M
TOKO
1
2
25.2
13.5 x 12.6 x 5.4
300~600
FDA1254-1R2M
TOKO
1.2
2.05
20.2
13.5 x 12.6 x 5.4
300~600
Typical Design Parameter Tables
The
following
tables
include
recommended
component values for typical output voltages (1V,
2.5V, 3.3V) and switching frequencies (500kHz).
Refer to Tables 2 for design cases without
external ramp compensation and Tables 3 for
design cases with external ramp compensation.
External ramp is not needed when high-ESR
capacitors, such as electrolytic or POSCAPs are
used. External ramp is needed when low-ESR
capacitors, such as ceramic capacitors are used.
For cases not listed in this datasheet, a calculator
in excel spreadsheet can also be requested
through a local sales representative to assist with
the calculation.
Table 2—FSW=500kHz, VIN=12V
VOUT
(V)
L
(µH)
R1
(k )
R2
(k )
R7
(8)
(k )
1
1
12.7
20
340
2.5
1.5
61.9
20
825
3.3
2.2
88.7
20
1083
Table 3—FSW=500kHz, VIN=12V
VOUT
(V)
L
(µH)
R1
(k )
R2
(k )
R4
(k )
C4
(pF)
R7
(8)
(k )
1
1
12.7
20
750
220
340
2.5
1.5
64.9
20
1000
220
825
3.3
2.2
93.1
20
1200
220
1083
Notes:
8) Frequency is about 500kHz at full load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com