Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8046 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8046
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8046 Datasheet HTML 1Page - Monolithic Power Systems MP8046 Datasheet HTML 2Page - Monolithic Power Systems MP8046 Datasheet HTML 3Page - Monolithic Power Systems MP8046 Datasheet HTML 4Page - Monolithic Power Systems MP8046 Datasheet HTML 5Page - Monolithic Power Systems MP8046 Datasheet HTML 6Page - Monolithic Power Systems MP8046 Datasheet HTML 7Page - Monolithic Power Systems MP8046 Datasheet HTML 8Page - Monolithic Power Systems MP8046 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP8046 –28V, 5A DUAL CHANNEL POWER HALF-BRIDGE
MP8046 Rev. 0.92
www.MonolithicPower.com
3
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD1 = VDD2 = 20V,
SHDN
V
= 5V, TA = +25°C, unless otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
VDD Operating Current
ILOAD = 0A, PWM1 = PWM2 = 0V
2.4
2.6
mA
VDD Shutdown Current
SHDN
V
= 0V
5.0
15
µA
VDD Operating Threshold, Low
5.7
5.9
V
VDD Operating Threshold, High
6.79
7.2
V
STBY Threshold, Low
1.0
1.2
V
STBY
Threshold, High
1.87
2.2
V
SHDN
Threshold, Low
1.0
1.2
V
SHDN Threshold, High
1.87
2.2
V
PWM1,2 Threshold, Low
1.0
1.69
V
PWM1,2 Threshold, High
1.83
2.2
V
PWM Input Bias Current
1
µA
OUT On Resistance
(5)
VDD = 7.5V, High-Side and Low-
Side
0.165
Ω
VPWM = 5, Sinking
5
A
OUT Current Limit
(5)
VPWM = 0, Sourcing
5
A
OUT Switching Frequency
VPWM = 0 to 2V, 50% Duty Cycle
0.6
MHz
OUT Maximum Duty Cycle
(6)
VDD = 7.5V, VPWM = 2V,
CBST = 100nF, fSW = 3.3kHz
99.5
%
OUT Rise/Fall Time
(5)
VPWM = 0V to 5V
10
ns
PWM Pulse Width
VPWM = 0V to 2V, High or Low
Pulse
200
ns
Dead Time
(5)
IOUT= ±100mA
30
ns
PWM to OUT Delay Time Rising
VPWM = 0V to 5V
46
55
ns
PWM to OUT Delay Time Falling
VPWM = 5 to 0V
47
55
ns
Thermal Shutdown Temperature
(5)
TJ Rising, Hysteresis = 20°C
150
°C
Notes:
5) Not production tested.
6) OUT drives low for 1.5µs every 300µs to charge the BST to SW capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com