Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8046 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8046
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8046 Datasheet HTML 1Page - Monolithic Power Systems MP8046 Datasheet HTML 2Page - Monolithic Power Systems MP8046 Datasheet HTML 3Page - Monolithic Power Systems MP8046 Datasheet HTML 4Page - Monolithic Power Systems MP8046 Datasheet HTML 5Page - Monolithic Power Systems MP8046 Datasheet HTML 6Page - Monolithic Power Systems MP8046 Datasheet HTML 7Page - Monolithic Power Systems MP8046 Datasheet HTML 8Page - Monolithic Power Systems MP8046 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP8046 –28V, 5A DUAL CHANNEL POWER HALF-BRIDGE
MP8046 Rev. 0.92
www.MonolithicPower.com
4
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NC
No Connect.
2
AGND1 Analog Ground 1.
3
PWM1
Driver Logic Input 1. Drive PWM1 with the signal that controls the MP8046 OUT1. Drive PWM
high to turn on the high side switch; drive PWM low to turn on the low-side switch.
4
STBY
Standby Input. Default low (internal pull-down). If driven high, the output of drivers is
determined by the PWM1/2. If driven low, the output of both drivers is high impedance.
5
PWM2
Driver Logic Input 2. Drive PWM2 with the signal that controls the MP8046 OUT2. Drive PWM
high to turn on the high-side switch; drive PWM low to turn on the low-side switch.
6
FAULT
Fault Output. A low output at FAULT indicates that the MP8046 has detected an over
temperature or over current condition. This output is open drain.
7
SHDN
Shutdown Input. When low, both channels will be shut off.
8
AGND2 Analog Ground 2.
9
NC
No Connect.
10
VDR2
Gate Drive Supply Bypass 2. The voltage at VDR2 is supplied from an internal regulator from
VDD2. VDR2 powers the internal circuitry and internal MOSFET gate drive for the OUT2
stage. Bypass VDR2 to PGND with a 0.1μF to 10µF capacitor.
11
BST2
Bootstrap Supply 2. BST2 powers the high-side gate of the OUT2 stage. Connect a 0.1μF or
greater capacitor between BST2 and OUT2.
12
PGND2 Power Ground 2. Connect the exposed pad on bottom side to the ground plane.
13
OUT2
Switched Output 2. Connect the output LC filter to OUT2. OUT2 is valid approximately 100µs
after VDD2 goes high.
14
VDD2
Power Supply Input 2. Connect VDD2 to the positive side of the input power supply. Bypass
VDD2 to PGND as close to the IC as possible.
15
NC
No Connect.
16
VDD1
Power Supply Input 1. Connect VDD1 to the positive side of the input power supply. Bypass
VDD1 to PGND as close to the IC as possible.
17
OUT1
Switched Output 1. Connect the output LC filter to OUT1. OUT1 is valid approximately 100µs
after VDD1 goes high.
18
PGND1 Power Ground 1. Connect the exposed pad on bottom side to the ground plane.
19
BST1
Bootstrap Supply 1. BST1 powers the high-side gate of the OUT1 stage. Connect a 0.1µF or
greater capacitor between BST1 and OUT1.
20
VDR1
Gate Drive Supply Bypass 1. The voltage at VDR1 is supplied from an internal regulator from
VDD1. VDR1 powers the internal circuitry and internal MOSFET gate drive for the OUT1
stage. Bypass VDR1 to PGND with a 0.1µF to 10µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com