Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8046 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8046
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8046 Datasheet HTML 1Page - Monolithic Power Systems MP8046 Datasheet HTML 2Page - Monolithic Power Systems MP8046 Datasheet HTML 3Page - Monolithic Power Systems MP8046 Datasheet HTML 4Page - Monolithic Power Systems MP8046 Datasheet HTML 5Page - Monolithic Power Systems MP8046 Datasheet HTML 6Page - Monolithic Power Systems MP8046 Datasheet HTML 7Page - Monolithic Power Systems MP8046 Datasheet HTML 8Page - Monolithic Power Systems MP8046 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP8046
28V, 5A Dual Channel Power Half-Bridge
MP8046 Rev. 0.92
www.MonolithicPower.com
1
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8046 is a configurable full-bridge or
dual channel half-bridge that can be configured
as the output stage of a Class-D audio amplifier.
Each channel can be driven independently as
stereo single ended audio amplifiers, or driven
complementary in a bridge tied load (BTL)
audio amplifier configuration.
The MP8046 features a low current shutdown
mode, standby mode, input under voltage
protection, current limit, thermal shutdown and
fault flag signal output. Both channels of the
driver interface with standard logic signals. The
MP8046 is available in a 20-pin TSSOP (with
Exposed Pad) package.
FEATURES
• ±5A Peak Current Output
• Up to 600kHz Switching Frequency
• Protected Integrated 165mΩ Power Switches
• 30ns Switch Dead Time
• All Switches Current Limited
• Internal Under Voltage Protection
• Internal Thermal Protection
• 2.4mA Operating Current
• Fault Output Flag
• Stereo
Single
Ended
Output
Power:
20W/Channel at 24V, 4Ω Load
• Bridge Tied Load Output Power: 40W at 24V,
8Ω Load
APPLICATIONS
• Class D Audio Drivers
• Full or Half-Bridge DC-DC Switching
Regulators
• Motor Drivers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8046
U1
NC
AGND1
PWM1
STBY
PWM2
FAULT
SHDN
AGND2
NC
VDR2
VDR1
BST1
PGND1
OUT1
VDD1
NC
VDD2
OUT2
PGND2
BST2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
VCC
VDD
CN1
CN2
OUT1
OUT2
GND
PWM1
+
VCC
D5
D2
1N4148
STBY
PWM2
FAULT
SHDN


Similar Part No. - MP8046

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8046DF MPS-MP8046DF Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
More results

Similar Description - MP8046

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
MP8042 MPS-MP8042 Datasheet
282Kb / 9P
High Current, Dual Channel Power Half-Bridge
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
22V, 4A Dual Channel Power Half-Bridge
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
logo
Monolithic Power System...
EV6519-Q-00A MPS-EV6519-Q-00A Datasheet
401Kb / 5P
5A, 28V H-Bridge Current Regulator Evaluation Board
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
MP6619 MPS-MP6619 Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com