Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3870EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3870EUFD
Description  60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3870EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3870EUFD Datasheet HTML 8Page - Linear Technology LTC3870EUFD Datasheet HTML 9Page - Linear Technology LTC3870EUFD Datasheet HTML 10Page - Linear Technology LTC3870EUFD Datasheet HTML 11Page - Linear Technology LTC3870EUFD Datasheet HTML 12Page - Linear Technology LTC3870EUFD Datasheet HTML 13Page - Linear Technology LTC3870EUFD Datasheet HTML 14Page - Linear Technology LTC3870EUFD Datasheet HTML 15Page - Linear Technology LTC3870EUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
dc2155afb
DEMO MANUAL
DC2155A-A/DC2155A-B
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC2155A-A Required Circuit Components
1
2
C1, C85
CAP, 56µF 20% 63V ELEC
SUNCON 63HVP56M
2
3
C3, C9, C23
CAP, 0603 0.1µF 10% 100V X7R
MURATA GRM188R72A104KA35D
3
4
C4, C5, C27, C33
CAP, 0603 10nF 10% 100V X7R
MURATA GRM188R72A103KA01D
4
1
C6
CAP, 0603 1nF 10% 100V X7R
AVX 06031C102KAT2A
5
5
C7, C8, C21, C22, C74
CAP, 1210 2.2µF 10% 100V X7R
MURATA GRM32ER72A225KA35L
6
8
C10, C11, C12, C24, C25, C26, C88, C93 CAP, 1210 22µF 20% 16V X7R
AVX 1210YC226MAT2A
7
2
C13, C28
CAP, 0603 1nF 10% 16V X7R
AVX 0603YC102KAT2A
8
4
C14, C15, C29, C30
CAP, 150µF 16V ELEC. OS-CON
PANASONIC 16SVP150M
9
2
C18, C34
CAP, 0603 4.7nF 10% 50V X7R
AVX 06035C472KAT2A
10
2
C20, C36
CAP, 0603 100pF 5% 50V C0G
AVX 06035A101JAT2A
11
2
C37, C38
CAP, 0603 2.2µF 10% 16V X5R
AVX 0603YD225KAT2A
12
1
C39
CAP, 0603 4.7µF 10% 10V X5R
AVX 0603ZD475KAT2A
13
1
C40
CAP, 0603 4.7µF 10% 16V X5R
MURATA GRM188R61C475KAAJD
14
2
C70, C103
CAP, 0805 2.2µF 10% 16V X7R
AVX 0805YC225KAT2A
15
1
C72
CAP, 0603 47nF 10% 25V X7R
AVX 06033C473KAT2A
16
1
C76
CAP, 0603 0.1µF 10% 25V X7R
AVX 06033C104KAT2A
17
1
C78
CAP, 0805 220nF 10% 100V X7R
MURATA GRM21AR72A224KAC5L
18
2
C79, C80
CAP, 1210 100µF 20% 10V X5R
MURATA GRM32ER61A107ME20L
19
1
C81
CAP, 0603 220pF 10% 50V X7R
AVX 06035C221KAT2A
20
2
C82, C83
CAP, 0603 10nF 10% 25V X7R
AVX 06033C103KAT2A
21
2
C84, C101
CAP, 0603 100nF 20% 16V X7R
AVX 0603YC104MAT2A
22
2
C94, C95
CAP, 1812 10µF 20% 100V X7S
TDK CKG45NX7S2A106M500JH
23
2
C96, C97
CAP, 1206 2.2µF 10% 100V X7R
MURATA GRM31CR72A225KA73L
24
1
C100
CAP, 0603 150pF 5% 50V NPO
AVX 06035A151JAT2A
25
1
C102
CAP, 0603 1µF 20% 25V X5R
AVX 06033D105MAT2A
26
2
D1, D2
DIODE, SCHOTTKY 100V, 1A
DIODES/ZETEX, DFLS1100-7
27
4
D5, D6, D13, D14
LED, 0603 GREEN
OSRAM LG L29K-G2J1-24-Z
28
1
D7
LED, 0603 RED
OSRAM LS L29K-H1J2-1-Z
29
2
L1, L2
IND, 8.6µH
WURTH ELEKTRONIK 7443630860
30
1
L5
IND, 68µH
SUMIDA CDRH105RNP-680NC
DC2155A-A
e. You can save the changes into the NVM. In the tool
bar, click “RAM to NVM” button, as following:
f. Savethedemoboardconfigurationtoa(*.proj)file.Click
the Save icon and save the file with a new file name.
LTpowerPlay QUICK START PROCEDURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com