Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3870EUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3870EUFD
Description  60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3870EUFD Datasheet(HTML) 3 Page - Linear Technology

  LTC3870EUFD Datasheet HTML 1Page - Linear Technology LTC3870EUFD Datasheet HTML 2Page - Linear Technology LTC3870EUFD Datasheet HTML 3Page - Linear Technology LTC3870EUFD Datasheet HTML 4Page - Linear Technology LTC3870EUFD Datasheet HTML 5Page - Linear Technology LTC3870EUFD Datasheet HTML 6Page - Linear Technology LTC3870EUFD Datasheet HTML 7Page - Linear Technology LTC3870EUFD Datasheet HTML 8Page - Linear Technology LTC3870EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
dc2155afb
DEMO MANUAL
DC2155A-A/DC2155A-B
Figure 1. Test Setup for DC2155A-A
DC2155 F01
+
–
DC1613A
CONNECTOR
VOUT0
LOAD
SHUNT
+
–
VOUT1
LOAD
SHUNT
–
+
+
–
RUN1
SWITCH 2
RUN0
SWITCH 1
12A MAX
12A MAX
+
–
+
–
+
–
POWER
SUPPLY
1m SHUNT
QUICK START PROCEDURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com